Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 59Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 60Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 61Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 62Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 63Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 64Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 65Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 66Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 112 page
background image
Errata
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
63
CPM11
False Indication of Shared Flag
Date Added: 5/30/2000
Description: FCC-TX HDLC - FCT_TXD (data out) changes from 1-->0 for 1 ser_clock period,
few clocks after the reset command from MAIN is given. A false shared flag can be detected at
the receiver if the last bit before reset was 0, and the receiver considers it as a closing flag of the
frame. In most of cases, a CRC error is generated and the frame is discarded.
Workaround: None
System Number: 3024
0K40A
1K42A
2K42A
CPM13
Error in Random Number Generation
Date Added: 5/30/2000
Description: In Fast Ethernet transmit, when more then one (up to four) frames reside in the FCC
FIFO, random number generation (for collision wait) may produce the same number for all four
frames.
Workaround: None
System Number: 3421
0K40A
1K42A
2K42A
CPM14
Corruption of ATM Cells
Date Added: 5/30/2000
Description: Corruption of ATM cells may occur when the following combination is used:
AAL1 with UDC in which the user-defined header size is 9 to 12 octets and PM is not used.
Workaround: Since this problem appears in a very specific condition as described above, avoid-
ing any of the elements (e.g., using cell header of 8 octets) eliminates it.
0K40A
1K42A
2K42A
CPM15
Corruption of Port D Registers
Date Added: 5/30/2000
Description: The PDATA, PDATB, PDATC, and PDATD registers can only be written with a
32-bit write instruction. (i.e., stw). When 8- or 16-bit write instructions (i.e., sth, stb) are used, the
bits not being written may be corrupted.
Workaround: Use a 32-bit write instruction only to write to the PDATA, PDATB, PDATC, and
PDATD registers.
System Number: 3679
0K40A
1K42A
2K42A
CPM17
Error in Reporting UTOPIA Error Condition
Date Added: 5/30/2000
Description: An FCC receiver which is configured as single PHY master does not detect a UTO-
PIA error condition when SOC and CLAV are not asserted simultaneously.
System Number: 3728
0K40A
1K42A
2K42A
CPM21
False Indication of Collision in Fast Ethernet
Date Added: 5/30/2000
Description: In the Fast Ethernet a false COL is reported whenever a collision occurs on the pre-
amble of the previous frame.
Workaround: S/W should ignore COL indications when the CRC of the frame is correct.
System Number: 3927
0K40A
1K42A
2K42A
Table 48. Errata Resolved in Mask Set 2K87M (Continued)
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com