Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 25Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 26Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 27Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 28Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 29Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 30Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 31Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 32Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 112 page
background image
HDI16
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
29
TREQ/HDM0
14
HREQ/HTREQ Pin Control
Controls the HREQ/HTREQ pin for host transmit data transfers. In non-
DMA (interrupt) mode (DMA = 0 in the HPCR), TREQ enables host
requests via the host request (HREQ or HTRQ) pin when the Transmit
Data Register Empty (TXDE) status bit in the ISR is set. If TREQ is
cleared, TXDE interrupts are disabled. If TREQ and TXDE are set, the
host request pin is asserted. In DMA modes (HPCR[DMA] = 1 and
HCR[HICR] = 1), software must set or clear TREQ to select the direction
of DMA transfers. Setting TREQ sets the direction of the DMA transfers
as host-to-core and enables the HREQ pin to request data transfers.
When HCR[HICR] is cleared and HPCR[DMA] is set, a TREQ read
reflects the status of NOT HDM0 in HCR. When written, TREQ affects
the INIT mode. See Table 25.
RREQ/HDM0
15
HREQ and HRREQ Pin Control
Controls the HREQ and HRREQ pins for host receive data transfers. In
non-DMA (interrupt) mode (HPCR[DMA] = 0), RREQ enables host
requests via the host request (HREQ or HRRQ) pin when the Receive
Data Register Full (RXDF) status bit in the ISR is set. If RREQ is cleared,
ISR[RXDF] interrupts are disabled. If RREQ is set, the host request pin
(HREQ or HRRQ) is asserted if ISR[RXDF] is set.
In host DMA mode (DMA = 1 in the HPCR and HICR = 1 in the HCR),
RREQ must be set or cleared by software to select the direction of DMA
transfers. Setting RREQ sets the direction of the host DMA transfers to
core-to-host and enables the HREQ pin to request data transfers. When
HICR in HCR is cleared and DMA in HPCR is set, RREQ, when read,
reflects the status of HDM0 in HCR.
When HCR[HICR] is cleared and HPCR[DMA] is cleared, an RREQ read
reflects the status of HCR[HDM0]. When written, RREQ affects the INIT
mode. See Table 25.
Table 24. Host-Side Registers After Reset
Register
Name
Register
Data
Reset Type
Hardware (HW)
Reset
Individual (IR)
Reset
ICR
All Bits
0
—
CVR
NMI
0
0
HC
0
0
HV[0–6]
0
—
ISR
TXDE32
1
1
TXDE16
1
1
RXDF32
0
0
RXDF16
0
0
HREQ
0
1 if TREQ is set;
0 otherwise
HF[4–7]
0
—
TRDY
1
1
TXDE
1
1
RXDF
0
0
RX
RX[0–3]
empty
empty
TX
TX[0–3]
empty
empty
Table 23.
2K87M Mask Set ICR Bit Descriptions (Continued)
Name
Description
Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com