Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 33Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 34Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 35Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 36Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 37Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 38Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 39Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 40Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 112 page
background image
EFCOP
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
37
Note:
When the counter value is written to the trace buffer, it is shifted one position to the left so the debugger
can use the least significant bit (LSB) to identify a new entry in the trace buffer.
13 EFCOP
The MSC8103 mask set 2K87M does not support an EFCOP module.
14 CPM
The 2K87M CPM adds functionality. The contents of the RISC Controller Configuration Register (RCCR)
changed to accommodate the increased size of the Dual-Port RAM. Support for a ROM-based Inverse Multiplexing
for ATM (IMA) microcode was added. Transmission convergence (TC) layer functionality required to support
IMA was added to the Time-Slot Assigner (TSA). Also, new MCC host commands are added. The following
sections discuss these changes.
14.1 RISC Controller Configuration Register (RCCR) Changes
The 2K87M mask set RISC Controller Configuration (RCCR) expands the Enable RAM Microcode (ERAM) field
from 3 to 4 bits wide (adding RCCR to 19 bit which was reserved in the 2K42A mask set) to reflect the availability
of dual-port RAM space starting at address 0x4000.
RCCR
2K87M Mask Set RISC Controller Configuration Register
0x119C4
Bit
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
TIME
—
TIMEP
EXT[
1–2]M1
EXT
1P1
—
SCD
EXT
2P1
Type
R/W
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
1617
18
192021
22
232425
26
272829
30
31
ERAM
EDM
[1–4]1
EXT[
3–4]M1
EXT
3P1
—
EXT
4P1
Type
R/W
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Notes:
1.
Reserved for future microcode applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com