Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 67Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 68Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 69Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 70Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 71Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 72Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 73Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 74Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 112 page
background image
Errata
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
71
CPM86
Random PHY Number For FCC RX in Single-PHY Master Mode
Date Added: 5/21/2002
Description: When the FCC Receive ATM controller is configured for Single PHY Master mode
(FPSMR[RUMP]=0, FPSMR[RUMS]=0) and FPSMR [LAST PHY / PHY ID] is not equal to ze-
ro, a random PHY ID might be allocated to the incoming cells instead of the expected zero (for
Single-PHY). This will result in a loss of cells. This configuration is typical when using the FCC
Transmit ATM controller in Multi-PHY Master mode together with the FCC Receive ATM con-
troller in Single PHY Master mode.
Workaround: The Address Lookup Mechanism should be created in such a way that for any
PHY Addr input, the Output will be as for PHY 0.
0K40A
1K42A
2K42A
CPM88
MCC Transmit GUN when MCC STOP RX CPCR Command is used
Date Added: 10/15/2002
Description: An MCC may experience a highly intermittent transmit GUN event indication, re-
lated to MCC receive channels that have been stopped via the MCC STOP RX host CPCR com-
mand. This GUN can happen unrelated to internal CPM loading or other external factors.
Workaround: Avoid using MCC STOP RX command using one of the following mechanisms:
1.
Simply stop the TDM or
2.
Use shadow RAM and dynamically remove the desired MCC RX channel entry
from SIRAM programming (see 8260 User manual chapter 14). The following pro-
cedure should be utilized, using an extra redundant shadow RAM switch. This is
done to provide a full TDM frame’s amount of time to ensure receive activity is
complete and will avoid the issue:
a. Re-program shadow SIRAM to remove channel to be stopped.
b. Switch to shadow SIRAM and wait for that TDM’s bit in the SIxSTR
register to change to indicate switch complete.
c. Copy this new shadow RAM programming back to the main SIRAM
bank.
d. Switch to active RAM, again wait for switch to complete.
e. Then software can re-initialize or modify the removed channel’s RX
parameters.
System Number: 2905
Fix Plan: RevA
0K40A
1K42A
2K42A
CPM95
ATM False Indication of Mis-Inserted Cells
Date Added: 2/25/2003
Description: There is a false indication of unassigned bits in the PHY:VPI:VCI which could
cause ATM cells to be treated as mis-inserted cells and therefore be discarded.
Workaround: Use microcode patch available from Freescale.
Fix Plan: RevA
0K40A
1K42A
2K42A
Table 48. Errata Resolved in Mask Set 2K87M (Continued)
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com