Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 53Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 54Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 55Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 56Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 57Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 58Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 59Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 60Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 112 page
background image
Errata
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
57
SIU8
Parity Checking Error
Date Added: 6/13/2000:
Description: During a read from a device with port size less than 64 bits, from an address not
aligned to 64 bits, the parity bits for parity check are not taken from the correct locations. For ex-
ample, for a read of 4 bytes from a 32-bit port size from address 4, the parity is checked against
DP[4–7] while it should be checked against DP[0–3]. The bug exists for both normal and rmw
parity, and for both System and Local buses.
Workaround: None
System Number: 5839
0K40A
1K42A
2K42A
SIU9
Bus Monitor Asserts Spurious TEA After Address Retry.
Date Added: 1/28/2001
Description: The bus monitor will not recognize the competition of an Address Retry transaction
and will assert TEA if there is no bus activity for a time equal to the expiration time.
Workaround: Disable the bus monitor in systems where Address Retry cycles are used (e.g. sys-
tems which include PowerSpan).
0K40A
1K42A
2K42A
SIU10
Strict Enforcement of Requirement to Assert DBG and TS in Same Cycle When Core En-
abled
Date Added: 1/28/2001
Description: This is a compatibility note. An external arbiter must assert DBG in the same clock
in which TS is asserted (there may be a one clock delay if the PPC_ACR[DBGD] bit is set, how-
ever, after reset this bit is not set by default). Some external arbiters, including the one implement-
ed in PowerSpan, violate this requirement. As a result, the system hangs following the first bus
access after reset.
Workaround: Use only a compliant external arbiter or the internal MSC8101 arbiter.
0K40A
1K42A
2K42A
QSIU3
TEA May Hang 60x-Compatible Bus
Date Added: 5/30/2000
Description: TEA may hang the 60x-compatible bus if it is asserted between specific address and
data phases during a split transaction.
Workaround: Enable Bus Monitor.
Fix Plan: Rev. A
0K40A
1K42A
2K42A
QSIU5
Incorrect Data on 60x-Compatible Bus
Date Added: 6/13/2000
Description: The following sequence on the 60x-compatible bus can result in incorrect data:
1.
Read transaction with DACK before AACK.
2.
Failed atomic write transaction.
3.
Write transaction.
Workaround: None.
System Number: 5823
0K40A
1K42A
2K42A
Table 48. Errata Resolved in Mask Set 2K87M (Continued)
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com