Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 38Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 39Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 40Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 41Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 42Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 43Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 44Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 45Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
42
Freescale Semiconductor
CPM
14.4.1 TC Layer Functionary
Figure 13 shows a block diagram of the SI blocks and TSA.The TSA also contains transmission convergence (TC)
layer hardware.
Note:
TC layer support for ATM (FCC2 only) with TC layer 1 supported through TDMA1 and TC layers 6–8
supported through TDMB2, TDMC2, and TDMD2, respectively.
For the FCC2 ATM UTOPIA 8, the SI supports the following:
•
Four TDM channels routed in hardware to a TC layer block
•
Protocol-specific overhead bits may be discarded or routed to other controllers by the SI
•
Performing ATM TC layer functions (according to ITU-T I.432)
•
Transmit (Tx) updates include:
— Cell HEC generation
— Payload scrambling using self synchronizing scrambler (programmable by the user)
— Coset generation (programmable by the user)
— Cell rate by inserting idle/unassigned cells
•
Receive (Rx) updates include:
— Cell delineation using bit by bit HEC checking and programmable ALPHA and DELTA parameters for the
Figure 13. SI Block Diagram
Time-Slot
Assigner (TSA)
TDMA, B, C, D
Pins
Strobes
Route
SI RAM
Tx/Rx
RAM
Control
Mode
Register
TDMA, B, C, D
Command
Register
Status
Register
SMC1 SMC2 SCC1 SCC2
MII1/
MII2
MUX
To: SMC1 SMC2 SCC1 SCC2 SCC3 SCC4
FCC1 FCC2 FCC3
Multi-Channel
Peripheral Bus
Non-multiplexed Serial Interface (NMSI) Pins
Channel #
Controllers
Shadow
Register
Clock
Route
RAM
Address
UTOPIA
CPM Mux
Note: The CPM multiplexer and the MCCs are not part of the SI.
MUX
MUX
MUX
MUX
MUX
MUX
MUX
MUX
(MCCs)
(See Chapters 22 and 33 for details.)
TC Layer Hardware
(FCC2 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com