Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 68Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 69Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 70Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 71Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 72Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 73Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 74Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 75Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
72
Freescale Semiconductor
Errata
CPM100
ABR TCTE Address Miscalculation
Description: When using the AAL5 ABR ROM microcode with external ATM channels it is pos-
sible for the EXT_TCTE_BASE word value (written by the user to DPRAM) to be misread. In
this case calculations performed by the microcode to access the users programmed external TCTE
will be incorrect with a high chance of the access resulting in a CPM crash.
Workaround: Use the micro code patch available from Freescale.
System Number: 9131
Fix Plan: Rev. A
0K42A
1K42A
2K42A
CPM110
FCC1 Prioritization
Date Added: 12/19/2003
Description: The FCC1 receiver in Ethernet, HDLC, or Transparent controller mode is not ele-
vated to emergency status (priority 4 in Table 19-2 of the Reference Manual, "Peripheral Prioriti-
zation"), which may lead to a FIFO overrun if the system is heavily loaded (FCC1 receiver has the
highest priority excluding emergency status of other peripherals)
.
Workaround: When allocating FCCs, assign FCC2 and FCC3 for Ethernet, HDLC or Transpar-
ent before FCC1, or assign FCC1 to the lowest bit rate interface. If FCC1 is allocated for ATM
and requires higher CPM usage than the other FCCs, disable its emergency status.
System Number: 11062
Fix Plan:
0K40A
1K42A
2K42A
Table 49. Errata Resolved by Specification Change in Mask Set 2K87M
Errata
Number
Errata Description
Applies
to Mask
QSIU8
Core TEA Not Supported as NMI
Date Added: 9/7/2000
Description: Q2PPC TEA is not supported on PIC NMI5.
Workaround: Use PIC IRQ19.
Resolution: Specification is changed to reflect this state in mask set 2K87M.
0K40A
1K42A
2K42A
2K87M
SIU15
Data Not Written to the SDRAM in RMW Parity Mode
Date Added: 5/21/2002
Description: When using a read-modify-write parity mode and pipelined addresses on the
SDRAM interface, the write portion of the RMW might be performed as a read. As a result, the
data is not written to the external memory.
Workaround: Use BCR[PLDP]=1 for a pipeline depth of zero.
Fix Plan: None, specification is changed so that this is defined as normal functionality and be-
comes a documentation errata.
2K87M
Table 48. Errata Resolved in Mask Set 2K87M (Continued)
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com