Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 44Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 45Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 46Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 47Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 48Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 49Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 50Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 51Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
48
Freescale Semiconductor
CPM
14.4.13 Cell Delineation State Machine Register (CDSMRx)
The cell delineation state machine register (CDSMR), shown in Figure 19, holds the ALPHA and DELTA
parameters of the cell delineation state machine.
Table 35 describes the CDSMR fields.
CF
7–8
Receive Idle/unassigned Cells Filtering
Selects the type of filtering to perform on received cells. The header of an idle
cell (ITU-T I.361) is 0b00000000_00000000_00000000_00000001. The
header of an unassigned cell (ITU-T I.361) is
0b00000000_00000000_00000000_0000xxx0
Physical layer cells bypass the TC layer; they are not filtered. The filter works
on the header only and ignores the HEC.
00
No cell filtering is done on Rx cells.
01
Idle cell filtering is done and idle cells
are discarded.
10
Unassigned cell filtering is done and
unassigned cells are discarded.
11
Idle and unassigned cell filtering is
done and both idle and unassigned
cells are discarded.
URE
9
Underrun interrupt (TCER[UR]) enable
An underrun interrupt may be set when an idle cell is generated by the TC.
0
Underrun interrupt disabled
1
Underrun interrupt enabled
LB
10–11
Loopback/echo modes
For echo mode operation, clear TCMODE[SM], independent of the FCC multi-
PHY mode configuration.
00
Normal operation.
01
Cell echo mode operation. Received
cells are transmitted and do not go out
to the UTOPIA bus.
10
Data loopback mode operation.
Transmit data stream is connected to
the receive data stream.
11
Not used.
TBA
12
Transmit Byte Align
Enables alignment of transferred bytes to the Tx Sync signal.
0
Tx data is transferred as soon as it is
enabled
1
Tx data is transferred byte-aligned to
the Tx Sync signal
IMA
13
IMA mode
Enables IMA mode.
0
Rx is not in IMA
1
Rx is in IMA mode
SM
14
Single Mode
Indicates whether the TC is the only PHY on the UTOPIA interface.
0
TC is not the only PHY on UTOPIA
1
TC is the only PHY on UTOPIA
CM
15
Cell Counters Mode
Disables the counter read and then clear function.
0
Reading a cell counter clears the
counter
1
Reading a cell counter does not
change the counter value
Bit
0123
4567
8
9
10
11
12
13
14
15
Field
ALPHA
DELTA
—
Reset
0
0000
0000
0000
000
R/W
R/W
Figure 19. CDSMRx
Table 35. CDSMR Field Descriptions
Name
Description
ALPHA
0-4
ALPHA
Consecutive received cells with incorrect HEC are counted by the cell delineation state machine to pass from state SYNCH
to state HUNT.
DELTA
5-9
DELTA
Consecutive received cells with correct HEC are counted by the cell delineation state machine to pass from state
PRESYNCH to state SYNCH.
—
10–15
Reserved. Write to 0 for future compatibility.
Table 34. TCMODE Field Descriptions (Continued)
Name
Description
Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com