Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 47Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 48Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 49Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 50Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 51Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 52Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 53Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 54Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 112 page
background image
CPM
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
51
Table 38 describes TCGSR fields.
14.4.19 TC Layer Cell Counters
Each TC block maintains six memory-mapped 16-bit performance cell counters listed in Table 39 that are updated
during operation and can be read by the host. If a counter overflows, it wraps back to zero and generates a maskable
interrupt. These counters are automatically cleared when read if TCMODE[CM] = 0; see Section 14.4.12.
14.4.20 Programming FCC2
FCC2 is designed to work with the TC blocks. The TC blocks are located on fixed addresses on the UTOPIA bus
internally. FCC2 should be programmed to work with the TC blocks as if the TC blocks are external PHYs located
on the lowest eight (or fewer) addresses.
Table 38. TCGSR Field Descriptions
Name
Description
Settings
CD1
0
Cell Delineation
The cell delineation state machine status of
TC1.
0
Cell delineation state machine is in Hunt or Pre-Synch mode.
1
Cell delineation machine is in Synch mode.
—
1–4
Reserved. Write to 0 for future compatibility.
CD6
0
Cell Delineation
The cell delineation state machine status of
TC6.
0
Cell delineation state machine is in Hunt or Pre-Synch mode.
1
Cell delineation machine is in Synch mode.
CD7
0
Cell Delineation
The cell delineation state machine status of
TC7.
0
Cell delineation state machine is in Hunt or Pre-Synch mode.
1
Cell delineation machine is in Synch mode.
CD8
0
Cell Delineation
The cell delineation state machine status of
TC8.
0
Cell delineation state machine is in Hunt or Pre-Synch mode.
1
Cell delineation machine is in Synch mode.
8–15
Reserved. Write to 0 for future compatibility.
Table 39. TC Performance Cell Counters
Counter Name
Description
Received Cell Counter (RCC)
This cell counter is updated whenever a received cell without HEC errors is passed to the Rx
UTOPIA FIFO.
Transmitted Cell Counter (TCC)
This cell counter is updated whenever the transmission of a cell is completed.
Errored Cell Counter (ECC)
This cell counter is updated whenever a received errored cell (cell with header error) is discarded.
Corrected Cell Counter (CCC)
This cell counter is updated whenever a received cell with a HEC single bit error is corrected. If
header single bit error correction is not enabled (TCMODE[SBC] is set), this counter is not updated.
(All errored cells are counted by the errored cell counter (ECC).)
Tx IDLE Cell Counter (ICC)
This cell counter is updated whenever an idle cell is transmitted.
Filtered Cell Counter (FCC)
This cell counter is updated whenever an idle/unassigned cell is filtered (discarded). If cell filters are
not enabled (TCMODE[CF] is cleared), this counter is not updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com