Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 71Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 72Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 73Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 74Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 75Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 76Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 77Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 78Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 112 page
background image
Errata
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
75
SC4
SC140 Core May Hang after Write to the PCTL0 Register
Date Added: 2/19/2002
Description: Write to the PCTL0 freezes the core immediately for 150–190 cycles. If the system
is busy (for example, doing pre-fetch transactions), the core may not exit the freeze state.
Workaround: Option A:
1.
Ensure the EFCOP is not active.
2.
Ensure the local bus to L1 memory is not active.
3.
Ensure that the program that writes to PCTL0 is in internal memory.
4.
Write to PCTL0 immediately after reset before any external accesses.
Option B: Do not write to PCTL0.
System Number: 7560
Fix Plan: TBD
0K40A
1K42A
2K42A
2K87M
SC5
SC140 Core May Hang after Illegal Execution Set
Date Added: 2/19/2002
Description: Upon receipt of an illegal execution set, the SC140 core may enter a freeze state
that can only be released by reset.
Workaround: None available.
System Number: 7541
Fix Plan: TBD
0K40A
1K42A
2K42A
2K87M
SC6
Incorrect Data on Trace Buffer During Core Freeze
Date Added: 2/19/2002
Description: After writing data to the Trace Buffer (TB), the TB is disabled in order to read from
it. There are two options to read the TB and the problem occurs in both:
1.
Reading the TB by software. If a core freeze occurs while the software reads the TB
into a core register, data can overwrite the previous data.
2.
Reading the TB from JTAG. If a core freeze occurs while the JTAG is reading the
TB, the data is not correctly sampled.
Workaround:
1.
Software: Read the TB by software when there is no core freeze:
a. Ensure that the program is in internal memory.
b. Ensure that the EFCOP is not active.
c. Ensure that the local bus to L1 memory is not active.
d. Ensure that the Write Buffer is empty.
e. Ensure that there are no other MOVE commands except for the TB read.
2.
JTAG:
a. Read the TB from JTAG only when the core is in Debug mode.
b. Before reading the TB, flush the Write Buffer.
System Number: 7604
Fix Plan: TBD
0K40A
1K42A
2K42A
2K87M
Table 50. 2K87M Errata
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com