Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 62Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 63Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 64Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 65Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 66Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 67Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 68Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 69Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
66
Freescale Semiconductor
Errata
CPM40
Corruption in AAL0 IDLE Cell
Date Added: 5/30/2000
Description: There is a rare case when transmitting an ATM idle cell that the idle cell may be
corrupted. This can occur in certain internal sequences of events that cannot be controlled or de-
tected by the user.
Workaround: Place the Idle Base template at address 64 byte align minus 4. For example use
Idle_BASE = 0x2cfc not 0x2d00.
System Number: 4648b
0K40A
1K42A
2K42A
CPM41
Limitation in ATM Controller
Date Added: 5/30/2000
Description: There are some limitations in the ATM controller. The first limitation is that only
the first 8 PM tables can be used instead of 64. When using these 8 tables, the user must clear the
5 most significant bits of TBD_BASE (in case of Tx PM) or RBD_BASE (in case of Rx PM). The
second limitation is that only the first 2048 ATM channel numbers can be used.
Workaround: There is a microcode patch that can fix the PM limitation. The ATM channel
number limitation has no workaround.
System Number: 4744
0K40A
1K42A
2K42A
CPM42
Data Corruption in MCC
Date Added: 5/30/2000
Description: Data corruption may occur in the receive buffers of MCC channels when more then
one TDM slot uses 7 bits of contiguous data.
Workaround: It is possible to avoid this problem by splitting the 7 bits slots between two SI ram
entries such that one entry will represent 4 bits of the slot and the other SI entry will represent 3
bits of the slot. The errata occurs only when all the 7 bits are represented by one entry in the SI
ram.
System Number: 4743
0K40A
1K42A
2K42A
CPM43
TxCLAV Ignored By UTOPIA in Single PHY Mode
Date Added: 5/30/2000
Description: When the FCC transmitter is configured to work in UTOPIA single PHY master
mode, it ignores deassertion of the TxCLAV signal. Therefore, the UTOPIA slave cannot control
the flow of cells by deasserting TxCLAV. Note that this bug affects Rev A.1 chips only.
Workaround: Configure the FCC to work in multi-master mode but limit the number of PHYs
to 1 by programming: FPSMR[LAST PHY] = 5’b0
System Number: 4882
0K40A
1K42A
2K42A
CPM44
Zero Insertion Error on MCC
Date Added: 5/30/2000
Description: When the MCC transmitter is used in HDLC super channel mode, a zero insertion
at the last bit before the flag fails to occur.
Workaround: There is a microcode patch which fixes the problem.
System Number: 4941
0K40A
1K42A
2K42A
Table 48. Errata Resolved in Mask Set 2K87M (Continued)
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com