Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 60Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 61Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 62Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 63Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 64Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 65Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 66Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 67Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
64
Freescale Semiconductor
Errata
CPM22
False Defer Indication in Fast Ethernet
Date Added: 5/30/2000
Description: In the fast ethernet, if a frame is transmitted due to defer and this frame also gets
late collision, a false defer indication is indicated for the next frame.
Workaround: None
System Number: 3981
0K40A
1K42A
2K42A
CPM24
Error in Indicating IDLE Between Frame
Date Added: 5/30/2000
Description: In the FCC HDLC transmitter, if slow serial clock (cpm_freq/serial_clock > 16) is
used, RTS does not transition to IDLE between frames. This means that all the frames are trans-
mitted back-to-back in case there is valid data in the transmitter’s FIFO.
Workaround: None
System Number: 3998
0K40A
1K42A
2K42A
CPM27
Error in Heartbeat Checking in FCC
Date Added: 5/30/2000
Description: The heartbeat checking in FCC transmit ethernet 10Mbps does not work properly.
The standard requires that the collision pulse from the PHY should be checked within a window
of 4
µsec from the falling edge of the carrier sense. The PQ2 samples the collision signal only once
at exactly 4
µsec (10 serial clocks) after the falling edge of the carrier sense signal.
Workaround: None
System Number: 4155
0K40A
1K42A
2K42A
CPM28
Error in Receive Frame Threshold
Date Added: 5/30/2000
Description: In the SCC Rx in HDLC mode, RFTHR does not work. There is no way to get in-
terrupts on the receive side after a programmable number of frames.
Workaround: RFTHR should be programed to 1.
System Number: 4163
0K40A
1K42A
2K42A
CPM29
MAXD1 and MAXD2 May Not Be Less Than MFLR
Date Added: 5/30/2000
Description: In SCC Rx ethernet, the option of transferring only part of a frame into memory
(MAXD1 and MAXD2 < MFLR) does not work.
Workaround: None
System Number: 4166
0K40A
1K42A
2K42A
CPM30
Graceful Stop Command Does Not Work
Date Added: 5/30/2000
Description: The graceful stop command does not work in SCC Tx in the following protocols:
Ethernet, HDLC, Transparent.
Workaround: None
System Number: 4167
0K40A
1K42A
2K42A
Table 48. Errata Resolved in Mask Set 2K87M (Continued)
Errata
Number
Errata Description
Applies
to Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com