Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 5Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 6Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 7Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 8Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 9Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 10Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 11Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 12Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 112 page
background image
Boot
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
9
5Boot
The 2K42A mask set does not support a serial boot mode. The 2K87M mask set supports a serial boot mode with a
reduced reset configuration. The following sections describe the serial boot mode operations.
5.1
Boot Mode Definition Changes
The boot modes for mask set 2K42A are defined by the values of BTM[0–1] when sampled on the rising edge of
PORESET
, as follows:
The boot modes for mask set 2K87M are defined by the values of BTM[0–1] when sampled on the rising edge of
PORESET
, as follows:
5.2
Serial EPROM Boot Procedure
The MSC8103 core programs the I2C registers and parameter RAM and prepares buffers and buffer descriptors
(BDs) for the boot loading process. The MSC8103 I
2C interface is programmed as the master, and it accesses the
slave address 0b1010111 to read the boot source code. Booting the MSC8103 through the serial EPROM is useful
for systems in which the MSC8103s are connected only through serial interfaces, such as TDM, Ethernet, ATM,
and so forth.
Note:
The bootloader supports access to serial EPROMS with a user-defined device address and 2-byte address
specifications.
5.3
Software Watchdog Handling
The software watchdog timer can be enabled by clearing the SWDIS bit as part of the reduced reset configuration
process. In serial boot mode, if the SWDIS bit is cleared, the bootloader program periodically executes a special
service sequence to prevent the time-out of its counter and the assertion of a hardware reset during the bootloading
process. For details on the software watchdog, refer to Section 4.2.5, Software Watchdog Timer, and Section 4.3,
SIU Programming Model in the MSC8103 Reference Manual.
BTM0
BTM1
Boot Source
0
0
External memory
0
1
HDI16
10
Reserved
11
Reserved
BTM0
BTM1
Boot Source
0
0
External memory
0
1
HDI16
1
0
Serial interface
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com