Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 43Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 44Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 45Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 46Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 47Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 48Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 49Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 50Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 112 page
background image
CPM
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
47
The FIFO management includes emptying cells from the transmit FIFO, indicating to the UTOPIA interface that it
is full, maintaining the FIFO read and write pointers, and detecting FIFO underrun (TCER[UR]) conditions.
14.4.9 Rx UTOPIA Interface
T he receive interface with the FCC via the UTOPIA bus implements the UTOPIA level-2 (multi-PHY) 8-bit PMD
side (slave) interface.
14.4.10 Tx UTOPIA Interface
T he transmit interface with the FCC via the UTOPIA bus implements the UTOPIA level-2 (multi-PHY) 8-bit
PMD side (slave) interface.
14.4.11 TC Layer Registers
Each TC layer block is controlled by registers in the block and accessed from the 60x-compatible bus.
14.4.12 TC Layer Mode Register (TCMODE)
Each TC layer block is configured using a TC layer mode register TCMODEx, as shown in Figure 18.
Table 34 describes TCMODE fields.
Bit
0123
4567
8
9
10
11
12
13
14
15
Field
RXEN
TXEN
RPS
TPS
RC
TC
SBC
CF
URE
LB
TBA
IMA
SM
CM
Reset
0
0000
0000
0000
000
R/W
R/W
Figure 18. TCMODEx
Table 34. TCMODE Field Descriptions
Name
Description
Settings
RXEN
0
TC Layer Receive Enable
Enables the TC Layer Rx block operation
0
TC Layer Rx operation disabled
1
TC Layer Rx operation enabled
TXEN
1
TC Layer Transmit Enable
Enables the TC Layer Tx block operation
0
TC Layer Tx operation disabled
1
TC Layer Tx operation enabled
RPS
2
Receive Payload Descrambling Disable
Disables payload descrambling on received payload data
0
Received payload descrambling
1
No received payload descrambling
TPS
3
Transmit Payload Scrambling Disable
Disables payload scrambling on transmitted payload data
0
Transmit payload scrambling
1
No transmit payload scrambling
RC
4
Receive Coset Disable
Disables XOR with 0xAA on received HEC
0
XOR with 0xAA on received HEC
1
No XOR with 0xAA on received HEC
TC
5
Transmit Coset Disable
Disables XOR with 0xAA on transmitted HEC
0
XOR with 0xAA on transmitted HEC
1
No XOR with 0xAA i on transmitted
HEC
SBC
6
Header Single Bit error Correction Disable
Disables single bit correction on the header according to HEC in Sync mode.
0
Single bit error correction
1
No single bit error correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com