Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 4Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 5Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 6Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 7Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 8Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 9Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 10Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 11Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 112 page
background image
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
8
Freescale Semiconductor
Reset
SCDIS
6
0
SC140 Disabled
Enables/disables the SC140. This bit cannot be changed after
reset.
0 = SC140 enabled
1 = SC140 disabled
ISPS
7
0
Internal Space Port Size
Defines the initial value of BCR[ISPS]. This bit must be set in
order to use the host interface. Setting ISPS configures the
MSC8103 to respond to accesses from a 32-bit external master
to its internal space. This bit cannot be changed after reset.
0 = 60x-compatible data bus is 64 bits wide
1 = 60x-compatible data bus is 32 bits wide
(lower 32 bits; upper 32 bits reserved for HDI16
IRPC
8–9
0
Interrupt Pin Configuration
Defines the initial value of SIUMCR[IRPC].
DPPC
10–11
0
Data Parity Pin Configuration
Defines the initial value of SIUMCR[DPPC].
NMI OUT
12
0
NMI OUT
Defines the host core to handle a non-maskable Interrupt (NMI)
event.
0 = NMI is serviced by SC140 core
1 = NMI is routed to external pin and serviced by
the external host
ISB
13–15
0
Initial Internal Space Base Select
Defines the initial value of IMMR(ISB[0–14]) and determines the
base address of the internal memory space and the DSPRAM
base address on the local bus. Note that the SC140 core internal
address space spans from 0x00000000
–0x00FFFFFF (16 MB).
Therefore it is not advisable to map the Internal Memory Map
Register (IMMR) in this space, since the SC140 core cannot
access the registers of the SIU and CPM. QBus banks are
mapped to address 0x00F00000, so using ISB value 101 causes
the Dual-Port RAM (DPRAM) address space and the QBus
address space to overlap. Modifying the QBus Base Registers to
another address allows the user to access the DPRAM address
space.
ISB
Internal Memory
DSPRAM (Bank
10)
000
0xF0000000
0x02000000
001
0xF0F00000
0x03000000
010
0xFF000000
0x04000000
011
0xFFF00000
0x05000000
100
Reserved
Reserved
101
0x00F00000
0x07000000
110
0x0F000000
0x08000000
111
0x0FF00000
0x09000000
Note: The 2K87M mask adds the DSPRAM
location to the areas controlled by these bits.
—
16
0
Reserved. Write to zero for future compatibility.
BBD
17
0
Bus Busy Disable
Defines the initial value of SIUMCR[BBD].
MMR
18–19
0
Mask Masters Requests
Defines the initial value of SIUMCR[MMR].
—
20–21
0
Reserved. Write to zero for future compatibility.
TCPC
22–23
0
Transfer Code Pin Configuration
Defines the initial value of SIUMCR[TCPC].
BC1PC
24–25
0
BC1PC Value
Defines the initial value of SIUMCR[BC1PC].
SWDIS
26
0
Software Watchdog Disable
Defines the initial state of the Software Watchdog Timer
0 = Software Watchdog Timer enabled
1 = Software Watchdog Timer disabled
Note: This field is undefined in the 2K42A mask
set.
DLLDIS
27
0
DLL Disable
Defines whether the DLL mechanism is disabled.
0 = No DLL bypass
1 = DLL bypass
MODCK_H
28–30
0
MODCK High Order Bits
High-order bits of the MODCK bus, which determine the clock
reset configuration.
—
31
0
Reserved. Write to zero for future compatibility.
Table 7. MSC8103 2K87M Mask Set Hard Reset Configuration Word Bit Descriptions (Continued)
Name
Reset
Description
Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com