Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button EB632 Datasheet HTML 85Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 86Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 87Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 88Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 89Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 90Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 91Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 92Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 112 page
background image
Bootloader Program
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
89
eor d4,d7
eor d5,d7
; check if the finished (HF4) bit is set ,if it is set clear it
; and the sticky bit .( it means there was an error and
; the blocks are being loaded for the second time
move.w HCR,d4
bmtsts.w #$8000,d4.l
jf continue_loading_16
move.w HCR,d4
and #$6fff,d4.l
move.w d4,HCR
continue_loading_16
;if (size == 0 ) in the beggining of a block it means no more blocks
;then jump to the address loaded in r3 (from d5 )
tsteq
d6
jt end_of_loading_16
load_loop_16
;if (size ==2 ) it is a special case so goto load_last_long_2_16
move.l #$00000002,d4
cmpeq d4,d6
jt
load_last_long_2_16
;load 2 data words
jsr load_from_fifo
;load the first 2 data words (4 bytes) to the address
move.l d4,(r3)
;increment the address by 4 bytes
adda #$4,r3
;load the second 2 data words (4 bytes) to the address
move.l d5,(r3)
;increment the address by 4 bytes
adda #$4,r3
;CALCULATE_CHECKSUM
eor d4,d7
eor d5,d7
;decrease the size by 4 words
sub #$4,d6
;jump to loading the next words
jmp load_loop_16
load_8bit
move.l #0,d7 ; un-initialized dalu register.
;load the size into d6
jsr load_from_fifo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com