Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB632 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # EB632
Description  Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M)
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB632 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  EB632 Datasheet HTML 1Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 2Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 3Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 4Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 5Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 6Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 7Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 8Page - Freescale Semiconductor, Inc EB632 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 112 page
background image
SIU
Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2
Freescale Semiconductor
5
3.1.2 2K87M Mask Set IMMR Values
IMMR identifies a specific device as well as the base address for the internal memory map. Software can deduce
availability and location of any on-chip system resources from the values in IMMR. PARTNUM and MASKNUM
are mask programmed and cannot be changed for any particular device.
3.2
Internal Memory Map Mirror Register (IMMMR)
The 2K87M mask set adds a new Internal Memory Map Mirror Register (IMMMR) which has a fixed address
controlled by the QBus Bank 1 (0x00F8FFC0) and the same register fields as the IMMR. It reflects the contents of
the IMMR. If the ISB in the IMMR is modified, the base address of all SIU and CPM registers, including the
IMMR, changes to the new value selected by the ISB. In such a case, the device or external masters may not be able
to access the registers. Since the IMMMR does not reside in the same base memory area, it is always available at its
fixed address. You can read the current ISB value from the IMMMR and determine the current internal base
address from that value.
IMMR
Internal Memory Map Register
0x101A8
Bit
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
ISB
—
Type
R/W
Reset
Depends on reset configuration sequence.
Bit
1617
18
192021
22
232425
26
272829
30
31
PARTNUM
MASKNUM
Type
R
Reset
—
Table 3. IMMR Bit Descriptions
Bits
Description
Settings
ISB
0–14
Internal Space Base
Defines the base address of the internal memory space. The value of ISB is configured at
reset to one of seven addresses; the software can then change it to any value. The default
address is based on the ISB bits in the Hard Reset Configuration Word. The default is zero,
which maps to address 0xF0000000.
ISB defines the 15 msbs of the memory map register base address. IMMR itself is mapped
into the internal memory space region. As soon as the ISB is written with a new base
address, the IMMR base address is relocated according to the ISB. ISB enables the
configuration of multiple-MSC8103 systems.
Implementation-dependent
—
15
Reserved. Write to zero for future compatibility.
PARTNUM
16–23
Part Number
This field is mask-programmed with a code corresponding to the part number of the part on
which the SIU is located. It helps factory test and user code that is sensitive to part
changes. This field changes when the part number changes. For example, it would change
if any new module is added or if the size of any memory module changes. It does not
change if the part is changed to fix a bug in an existing module.
The MSC8103 has an ID of
0x50.
MASKNUM
24–31
Mask Number
This field is mask-programmed with a code corresponding to the mask number of the part
on which the SIU is located. It helps factory test and user code that is sensitive to part
changes. It is programmed in a commonly changed layer and should be changed for all
mask set changes.
The MSC8103 mask set
2K87M has an ID of 0x12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com