Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 155 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 155 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 151Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 152Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 153Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 154Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 155Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 156Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 157Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 158Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 159Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
155
Data Book
Notes:
1. Applies only when external mailbox is in input mode (MDMODE = 1).
2. Applies only when external mailbox is in input/output mode (MDMODE = 0).
3. When the S5920 is driving MD[7:0] w/ Add-On incoming mailbox byte 3, the PCI can update this output synchronously to the PCI clock. As a
result, once driving, this output is asynchronous to ADCLK.
Figure 91. Mailbox Data
Figure 92. Mailbox Data
Table 66. Mailbox Timings
Functional Operation Range (VCC = 5.0 V ± 5%, 0°C to 70°C, 50 pF load on outputs)
Symbol
Parameter
Min
Max
Units
Notes
t60
LOAD# Setup to ADCLK Rising Edge
4
ns
t61
LOAD# Hold from ADCLK Rising Edge
1
ns
t62
MD[7:0] Setup to ADCLK Rising Edge
2.6
ns
1
t63
MD[7:0] Hold from ADCLK Rising Edge
1
ns
1
t64
MD[7:0] Float from LOAD# Low
14.9
ns
2
t65
MD[7:0] Active from ADCLK Rising Edge
17
ns
2,3
ADCLK
LOAD#
MD[7:0]
t
60
t
61
t
62
t
63
ADCLK
LOAD#
MD[7:0]
t
60
t
61
t
63
t
64
t
62
t
65
Add-On Driving
5920 Driving
5920 Driving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com