Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 157 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 157 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 152Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 153Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 154Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 155Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 156Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 157Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 158Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 159Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 160Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 157 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
157
Data Book
S5920 – 160 PQFP PACKAGE MARKING DRAWING (TOP VIEW)
Figure 94. S5920 – 160 PQFP Package Marking Drawing (Top View)
NOTES (Unless Otherwise Specified):
2
Dot Represents PIN 1 (A01) Designator
ES (Engineering Sample) designator. When present, this signifies
pre-production grade material. Pre-production grade material is not
guaranteed to meet the specifications in this document.
S5920QRC
YYWW
ZZZZZZM
JJJ
TAIWAN
ES
LEGEND (in row order - including symbols):
ROW #1:
AMCC Logo
ROW #2:
AMCC Device Part Number
ROW #3:
Mask Protection Symbol
XX: Assembly Year Code
YY: Assembly Week Code
ROW #4:
ZZZZZZ: AMCC 6 Digit Lot Code
M: Mask Set Revision Code
ROW #5:
JJJ: up to 3 Digit Subcontractor Lot Code
ROW #6:
ESD Symbol
TAIWAN: Assembly Location
ROW #7:
Engineering Sample (ES) Designator (only on Pre-Production Devices)
M
2
1
1
PCI MATCHMAKER
e2
RoHS Lead Free Compliant Symbol (per JEDEC: JESD97). When present, this signifies a lead free package.
ROW #9:
e2
ROW #8:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com