Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 40Page - STMicroelectronics L99DZ320 Datasheet HTML 41Page - STMicroelectronics L99DZ320 Datasheet HTML 42Page - STMicroelectronics L99DZ320 Datasheet HTML 43Page - STMicroelectronics L99DZ320 Datasheet HTML 44Page - STMicroelectronics L99DZ320 Datasheet HTML 45Page - STMicroelectronics L99DZ320 Datasheet HTML 46Page - STMicroelectronics L99DZ320 Datasheet HTML 47Page - STMicroelectronics L99DZ320 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 146 page
background image
2.4.21
Inputs DIRH, PWMH, PWM4-5, PWM6, DIR1, DIR2
The voltages are referred to ground, and currents are assumed positive, when the current flows into the pin.
6 V ≤ VSREG ≤ 18 V, TJ = -40°C to 150°C.
Table 45. Inputs: DIRH, PWMH, PWM4-5, PWM6, DIR1, DIR2
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Item
VIL
Input voltage low level
VSREG = 13.5 V
1
1.45
V
A.169
VIH
Input voltage high level
VSREG = 13.5 V
1.8
2.5
V
A.170
VIHYS
Input hysteresis
VSREG = 13.5 V
0.1
0.4
V
A.171
Iin
Input pull-down current on PWM6 and PWM4-5 pins
VSREG = 13.5 V
2
30
60
µA
A.172
2.4.22
Debug input pin
The voltages are referred to ground, and currents are assumed positive, when the current flows into the pin.
6 V ≤ VSREG ≤ 18 V, TJ = -40°C to 150°C.
Table 46. Debug input
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Item
VdiL
Input voltage low level
VSREG = 13.5 V
6.1
7.4
8.4
V
A.187
VdiH
Input voltage high level
VSREG = 13.5 V
7.4
8.4
9.4
V
A.188
VdiHYS
Input hysteresis
VSREG = 13.5 V
0.25
1
1.4
V
A.189
Rin
Pull-down resistor
VDEBUG = 6 V to 28 V
13
29
45
kΩ
A.190
2.4.23
Interrupt output
The voltages are referred to ground, and currents are assumed positive, when the current flows into the pin.
6 V ≤ VSREG ≤ 18 V, TJ = -40 °C to 150 °C.
Table 47. Interrupt output
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Item
VINTL
output low level
V1 = 5 V, IINT = -4 mA
0.2
0.5
V
A.176
VINTH
output high level
V1 = 5 V, IINT = 4 mA
V1-0.5
V1-0.2
V
A.177
IINTLK
Tristate leakage current
0 V < VINT < V1
-10
10
μA
A.178
tInterrupt
Interrupt pulse duration
(RXDL/NINT)
Tested by scan
42
56
70
µs
A.179
tInt_react
Interrupt reaction time
Tested by scan
40
µs
A.180
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 44/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com