Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 91 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 87Page - STMicroelectronics L99DZ320 Datasheet HTML 88Page - STMicroelectronics L99DZ320 Datasheet HTML 89Page - STMicroelectronics L99DZ320 Datasheet HTML 90Page - STMicroelectronics L99DZ320 Datasheet HTML 91Page - STMicroelectronics L99DZ320 Datasheet HTML 92Page - STMicroelectronics L99DZ320 Datasheet HTML 93Page - STMicroelectronics L99DZ320 Datasheet HTML 94Page - STMicroelectronics L99DZ320 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 146 page
background image
6
SPI Registers
6.1
Global status byte (GSB)
Table 70. Global status byte (GSB)
Global status byte (GSB)
Bit 31
Bit 30
Bit 29
Bit 28
Bit 27
Bit 26
Bit 25
Bit 24
1 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
GSBN
RSTB
SPIE
PLE
FE
DE
GW
FS
Global
status bit
inverted
Reset
SPI error Physical layer error (CAN,LIN) Functional error Device error Global warning Fail-safe
Table 71. Global status byte (GSB) description
Bit
Name
Description
31
GSBN
Global status bit inverted
The GSBN is a logically NOR combination of GSB Bits 24 to Bit 30 (1).
This bit can also be used as global status flag without starting a complete communication frame as it
is present at SDO directly after pulling CSN low.
0 = error detected (1 or several GSB bits from 24 to 30 are set)
1 = no error detected (default after Power on)
30
RSTB
Reset
The RSTB indicates a device reset and is set in case of the following events:
SR8 (0x8)
•
VPOR
•
WDFAIL
•
V1UV (when UV is more than 16 µs)
•
FORCED_SLEEP_TSD2_V1SC
0 = no reset signal has been generated (default)
1 = Reset signal has been generated
RSTB is cleared by a read & clear command to all bits in status register 8 causing the reset event.
29
SPIE (2)
SPI error bit
The SPIE indicates errors related to a wrong SPI communication.
SR7 (0x7)
•
SPI_INV_CMD
•
SPI_SCK_CNT
The bit is also set in case of an SPI CSN Time-out detection
0 = no error (default)
1 = error detected
28
PLE(2)
Physical layer error
The PLE is a logical OR combination of errors related to the LIN and CAN transceivers.
SR7 (0x7):
•
LIN_PERM_DOM
•
LIN_TXD_DOM
•
LIN_PERM_REC
•
CAN_RXD_REC
•
CAN_PERM_REC
•
CAN_PERM_DOM
L99DZ320
SPI Registers
DS14235 - Rev 5
page 91/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com