Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 31Page - STMicroelectronics L99DZ320 Datasheet HTML 32Page - STMicroelectronics L99DZ320 Datasheet HTML 33Page - STMicroelectronics L99DZ320 Datasheet HTML 34Page - STMicroelectronics L99DZ320 Datasheet HTML 35Page - STMicroelectronics L99DZ320 Datasheet HTML 36Page - STMicroelectronics L99DZ320 Datasheet HTML 37Page - STMicroelectronics L99DZ320 Datasheet HTML 38Page - STMicroelectronics L99DZ320 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 146 page
background image
Symbol
Parameter
Test condition
Min. Typ. Max. Unit Item
TBit(RXD) ≤
5 Mb/s
Recessive bit
symmetry at RXDC
ns
Conditions as TBit(RXD) ≤ 1 Mb/s,
Rectangular pulse signal TTXDC = 1200 ns, high
pulse 200 ns, low pulse 1000 ns
120
200
220
E.112
TBit(BUS) ≤
1 Mb/s
Recessive bit
symmetry at
CAN-Bus
5.5 V < VS < 18 V, RL = 60 Ω ±1%,
CL = 100 pF, CRXD = 15 pF,
VDIFF: 0.5 V (falling) - 0.9 V (rising),
TXD rise and fall time = 10 ns
(10% - 90%, 90% - 10%),
test signal to be applied on the TXD input of the
implementation is a square wave signal with a
positive duty cycle of 1/6 and a period of six times
the nominal recessive bit width.
Rectangular pulse signal TTXDC = 6000 ns, high
pulse 1000 ns, low pulse 5000 ns
935 1000 1030
ns
E.113
TBit(BUS) ≤
2 Mb/s
Conditions as TBit(BUS) ≤ 1 Mb/s,
Rectangular pulse signal TTXDC = 3000 ns, high
pulse 500 ns, low pulse 2500 ns
435
500
530
E.114
TBit(BUS) ≤
5 Mb/s
Conditions as TBit(BUS) ≤ 1Mb/s,
Rectangular pulse signal TTXDC = 1200 ns, high
pulse 200 ns, low pulse 1000 ns
155
200
210
E.115
∆tREC ≤ 2 Mb/s
Receiver timing
symmetry (TBit(RXD) -
TBit(BUS))
5.5 V < VS < 18 V, RL = 60 Ω ±1%,
CL = 100 pF, CRXD = 15 pF,
Rectangular pulse signal TTXDC = 3000 ns, high
pulse 500 ns, low pulse 2500 ns
-65
40
ns
E.116
∆tREC ≤ 5 Mb/s
5.5 V < VS < 18 V, RL = 60 Ω ±1%,
CL = 100 pF, CRXD = 15 pF,
Rectangular pulse signal TTXDC = 1200 ns, high
pulse 200 ns, low pulse 1000 ns
-45
15
E.117
tCAN(2)
CAN permanent
dominant time out
Tested by scan
700
µs
E.118
tWUP-VCansup
Time between
WUP(3) on the CAN
bus until VCansup
goes active
Wake-up pattern wake-up
70% VDIFF – 90% VCansup(min),
0
200
µs
E.049
tWUP-RXD
Time between
WUP(3) on the CAN
bus until RXD is
active (the CAN
signal is represented
at the RXD output)
Wake-up pattern wake-up
RXD output enabled
0
1
ms
E.119
tVCANSUPlow
Filter time needed to
display CANSUPlow
flag
Tested by SCAN
5
µs
E.124
1. TBit(RXD) for the highest supported data rate has to be specified (1 Mb/s, 2 Mb/s, 5 Mb/s).
2. At the expiration of this filter time a flag is set.
3. Time starts with the end of last dominant phase of the WUP.
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 35/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com