Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 76 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 72Page - STMicroelectronics L99DZ320 Datasheet HTML 73Page - STMicroelectronics L99DZ320 Datasheet HTML 74Page - STMicroelectronics L99DZ320 Datasheet HTML 75Page - STMicroelectronics L99DZ320 Datasheet HTML 76Page - STMicroelectronics L99DZ320 Datasheet HTML 77Page - STMicroelectronics L99DZ320 Datasheet HTML 78Page - STMicroelectronics L99DZ320 Datasheet HTML 79Page - STMicroelectronics L99DZ320 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 146 page
background image
Table 55. H-bridge monitoring in off mode
Nb
Control bits
Failure bits
Comments
OL H1L2
OL H2L1
H OLTH High
DSMON LS1
DSMON LS2
1
0
0
0
0
0
Drain-source monitor disabled
2
1
0
x
0
0
No open-load detected
3
1
0
0
0
1
Open-load
4
1
0
0
1
1
Short to GND
5
1
0
1
1
1
Short to VS
6
0
1
x
0
0
No open-load detected
7
0
1
0
1
0
Open-load
8
0
1
0
1
1
Short to GND
9
0
1
1
1
1
Short to VS
3.29
Programmable cross current solution
The external Power MOSFETs transistors in H-bridge (two half bridges) configuration are switched on with an
additional delay time tCCP to prevent cross current in the half bridge. The cross current protection time tCCP can
be programmed with the SPI using bits COPT<3:0> (CR12). The timer is started when the gate driver is switched
on in the device.
The PWMH module has 2 timers to configure locking time for high-side and freewheeling low-side.
The programmable time tCCP-TIM1/CCP-TIM2 is the same. Sequence for switching in PWM mode is as follows:
•
HS switches off after locking tCCP-TIM1
•
LS switches on after 2nd locking tCCP-TIM1
•
HS switches on after locking tCCP-TIM2 which starts with rising edge on PWMH input
Figure 38. PWMH cross current protection time implementation
L99DZ320
Functional description
DS14235 - Rev 5
page 76/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com