Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 71 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 67Page - STMicroelectronics L99DZ320 Datasheet HTML 68Page - STMicroelectronics L99DZ320 Datasheet HTML 69Page - STMicroelectronics L99DZ320 Datasheet HTML 70Page - STMicroelectronics L99DZ320 Datasheet HTML 71Page - STMicroelectronics L99DZ320 Datasheet HTML 72Page - STMicroelectronics L99DZ320 Datasheet HTML 73Page - STMicroelectronics L99DZ320 Datasheet HTML 74Page - STMicroelectronics L99DZ320 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 146 page
background image
Nb
Control pins
Control bits
Failure bits
Output pin
Mode
Description
19
Half bridge mode
0
1
1
0
1
1
0
0
0
0
0
L
L
H
L
20
1
0
1
0
1
1
0
0
0
0
0
H
L
L
L
21
1
1
1
0
1
1
0
0
0
0
0
H
L
H
L
22
0
0
1
1
1
1
0
0
0
0
0
H
L
H
L
23
0
1
1
1
1
1
0
0
0
0
0
H
L
L
H
24
1
0
1
1
1
1
0
0
0
0
0
L
H
H
L
25
1
1
1
1
1
1
0
0
0
0
0
L
H
L
H
1. Only the half bridge (low-side and high-side), in which one Power MOSFET is in short-circuit condition is switched off. Both Power
MOSFETs of the other half bridge remain active and driven by DIRH and PWMH.
H-bridge is forced off during long open window until watchdog kicks in short window, keeping control bits
accessible in the meanwhile.
3.25
H-bridge driver slew rate control
The rising and falling slope of the drivers for the external high-side Power MOSFET can be slew rate controlled. If
this mode is enabled the gate of the external high-side Power MOSFET is driven by a current source instead of a
low impedance output driver switch as long as the drain-source voltage over this Power MOSFET is above the
switch threshold. The current is programmed using the bits SLEW<4:0>, which represent a binary number. This
number is multiplied by the minimum current step. This minimum current step is the maximum source/sink current
(IGHxrmax/IGHxfmax) divided by 31. Programming SLEW<4:0> to 0 disables the slew rate control and the output is
driven by the low impedance output driver switch.
Note:
To avoid crosscurrent conduction, it must be avoided the usage of the lowest slew rate configurations.
L99DZ320
Functional description
DS14235 - Rev 5
page 71/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com