Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 93 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 89Page - STMicroelectronics L99DZ320 Datasheet HTML 90Page - STMicroelectronics L99DZ320 Datasheet HTML 91Page - STMicroelectronics L99DZ320 Datasheet HTML 92Page - STMicroelectronics L99DZ320 Datasheet HTML 93Page - STMicroelectronics L99DZ320 Datasheet HTML 94Page - STMicroelectronics L99DZ320 Datasheet HTML 95Page - STMicroelectronics L99DZ320 Datasheet HTML 96Page - STMicroelectronics L99DZ320 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 146 page
background image
Bit
Name
Description
The FS bit indicates the device was forced into a safe state due to the following failure conditions:
SR8 (0x8):
•
WDFAIL
•
V1UV(when UV is more than 2 ms)
•
TSD2
•
FORCED_SLEEP_TSD2_V1SC
SR3 (0x03):
•
SGNDLOSS
All control registers are set to default
Control registers are blocked for WRITE access except the following bits:
CR18 (0x3F):
•
TRIG
•
CAN_ACT
CR17 (0x3E):
•
Timer settings (bits 8…21)
CR14 (0x3B):
•
HS15_x (bits 8…11)
•
HS0_x (bits 12…15)
CR5 (0x32) to CR10 (0x37)
•
PWM frequency and duty cycles
CR1 (0x26)
•
V2_0
•
V2_1
0 = failsafe inactive (default)
1 = failsafe active
FS is cleared upon exit from failsafe mode (refer to chapter Section 3.7: Fail-safe mode)
1. Individual failure flags may be masked in the CR1 (0x26).
2. Bit may be masked in the CR1 (0x26), that is the bit is not included in the global status bit (GSB).
3. The open-load status flags may be masked in the CR1 (0x26), that is the open-load flag is included in the FE flag but it does
not set the GSB. TW failure status flags may be masked in the CR1 (0x26), that is the TW flag is included in the GW flag,
but it does not set the GSB.
L99DZ320
SPI Registers
DS14235 - Rev 5
page 93/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com