Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 8Page - STMicroelectronics L99DZ320 Datasheet HTML 9Page - STMicroelectronics L99DZ320 Datasheet HTML 10Page - STMicroelectronics L99DZ320 Datasheet HTML 11Page - STMicroelectronics L99DZ320 Datasheet HTML 12Page - STMicroelectronics L99DZ320 Datasheet HTML 13Page - STMicroelectronics L99DZ320 Datasheet HTML 14Page - STMicroelectronics L99DZ320 Datasheet HTML 15Page - STMicroelectronics L99DZ320 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 146 page
background image
2.4.1
Supply, supply monitoring and current consumption
All SPI communication, logic and oscillator parameters are working down to VSREG = 3.5 V and parameters are as
specified in the respective chapters.
•
SPI thresholds
•
Oscillator frequency (delay times correctly elapsed)
•
Internal register status correctly kept (reset at default values for VS< VPOR)
•
Reset threshold correctly detected
The voltages are referred to ground, and currents are assumed positive, when the current flows into the pin.
6 V < VS < 28 V, 6 V < VSREG < 28 V, TJ = -40°C to 150°C, unless otherwise specified.
Table 7. Supply, supply monitoring and current consumption
Symbol
Parameter
Test condition
Min. Typ. Max. Unit Item
VSUV
VS undervoltage threshold
VS increasing / decreasing
4.7
5.4
V
A.001
Vhyst_UV
VS undervoltage hysteresis
0.025 0.1
0.2
V
A.002
VSOV
VS overvoltage threshold
VS increasing
19
22.5
V
A.003
VSOV
VS overvoltage threshold
VS decreasing
18.5
22.5
V
A.004
Vhyst_OV
VS overvoltage hysteresis
0.5
1.3
1.7
V
A.005
VSREGUV
VSREG undervoltage threshold
VSREG increasing/decreasing
4.2
4.9
V
A.006
Vhyst_UV
VSREG undervoltage hysteresis
0.025 0.1
0.2
V
A.007
VSREGOV
VSREG overvoltage threshold
VSREG increasing
19
22.5
V
A.008
VSREGOV
VSREG overvoltage threshold
VSREG decreasing
18.5
22.5
V
A.009
Vhyst_OV
VSREG overvoltage hysteresis
0.5
1.3
1.7
V
A.010
tovuv_filt
VS/ VSREG overvoltage/
undervoltage filter time
Tested by scan
64
µs
A.011
IV(act)
Current consumption in active
mode
VS =12 V, TXD CAN = high,
TXD LIN = high, V1 = on, V2 = on,
HS/LS driver OFF
6.2
12
mA A.012
IV(BAT)
Current consumption in
VBAT_Standby mode (1)
VS = 12 V, TJ = 85°C,
HS/LS driver OFF,
CAN WU disabled
8
20
35
µA
A.013
IV(BAT)CS
Current consumption in
VBAT_Standby mode
with cyclic sense enabled(1)
VS = 12 V, TJ = 85°C,
HS/LS driver OFF,
CAN WU disabled,
T = 50 ms, ton = 100 µs
40
75
125
µA
A.014
IV(BAT)CW
Current consumption in
VBAT_Standby mode
with cyclic wake enabled(1)
VS = 12 V, TJ = 85 °C,
HS/LS driver OFF,
CAN WU disabled,
T = 50 ms, ton = 100 µs,
In standby phase before waking up on
timer expiration
40
75
125
µA
A.015
IV(V1stby)_0
Current consumption in
V1_Standby mode(1)
VS = 12 V, TJ = 85°C,
voltage regulator V1 active, (Iv1 = 0),
HS/LS driver OFF,
Voltage regulator V2 deactivated,
16
51
76
µA
A.016
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 12/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com