Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 61 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 57Page - STMicroelectronics L99DZ320 Datasheet HTML 58Page - STMicroelectronics L99DZ320 Datasheet HTML 59Page - STMicroelectronics L99DZ320 Datasheet HTML 60Page - STMicroelectronics L99DZ320 Datasheet HTML 61Page - STMicroelectronics L99DZ320 Datasheet HTML 62Page - STMicroelectronics L99DZ320 Datasheet HTML 63Page - STMicroelectronics L99DZ320 Datasheet HTML 64Page - STMicroelectronics L99DZ320 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 146 page
background image
Figure 24. CAN wake-up capabilities
CAN pattern wake-up with dominant state before STANDBY
ACTIVE
ACTIVE
STANDBY
t < tWAKE
ACTIVE
ACTIVE
STANDBY
t > tfilter
t > tfilter
tfilter
CAN pattern wake-up
t > tfilter
t > tfilter
tfilter
t < tWAKE
CAN RX
STATE
CAN RX
STATE
GADG041120211203GT
Note:
The waveforms above illustrate the wake-up behavior from V1_Standby mode. For wake-up from
VBAT_Standby mode the NRESET signal (with 2 ms timing) is generated instead of the RXDL (interrupt) signal.
3.10.5
CAN receive only mode
During TRX normal mode, with the CAN_REC_ONLY bit it is possible to disable the CAN transmitter. In this mode
it is possible to listen to the bus but not sending to it. The receiver termination network is still activated in this
mode.
3.10.6
CAN looping mode
If the CAN_LOOP_EN (CR1) is set the TXDC input is mapped directly to the RXDC pin. This mode can be used
in combination with the CAN receive only mode, to run diagnosis for the CAN protocol handler of the
microcontroller.
3.11
Serial peripheral interface (ST SPI standard)
A 32-bit SPI is used for bidirectional communication with the microcontroller.
The SPI is driven by a microcontroller with its SPI peripheral running in the following mode:
•
CPOL = 0 and CPHA = 0
For this mode input data is sampled by the low to high transition of the clock CLK, and output data is
changed from the high to low transition of CLK.
This device is not limited to microcontroller with a built in SPI. Only three CMOS compatible output pins
and one input pin need to communicate with the device. A fault condition can be detected by setting CSN
to low. If CSN = 0, the DO pin reflects the global error flag (fault condition) of the device.
•
Chip select not (CSN)
The input pin is used to select the serial interface of this device. When CSN is high, the output pin (DO) is
in high impedance state. A low signal activates the output driver and a serial communication can be
started. The state during CSN = 0 is called a communication frame.
If CSN = low for t > tCSNfail the DO output is switched to high impedance in order not to block the signal line
for other SPI nodes.
L99DZ320
Functional description
DS14235 - Rev 5
page 61/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com