Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 27Page - STMicroelectronics L99DZ320 Datasheet HTML 28Page - STMicroelectronics L99DZ320 Datasheet HTML 29Page - STMicroelectronics L99DZ320 Datasheet HTML 30Page - STMicroelectronics L99DZ320 Datasheet HTML 31Page - STMicroelectronics L99DZ320 Datasheet HTML 32Page - STMicroelectronics L99DZ320 Datasheet HTML 33Page - STMicroelectronics L99DZ320 Datasheet HTML 34Page - STMicroelectronics L99DZ320 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 146 page
background image
Table 25. CAN transmit data input: pin TXDC
Symbol
Parameter
Test condition
Min. Typ. Max. Unit Item
VTXDCLOW
Input voltage dominant level Active mode
1.0 1.45
2.0
V
E.004
VTXDCHIGH
Input voltage recessive level Active mode
1.2 1.85
2.3
V
E.005
VTXDCHYS
VTXDCHIGH - VTXDCLOW
Active mode
0.2
0.7
V
E.006
RTXDCPU
TXDC pull-up resistor
Active Mode
20
50
110
kΩ
E.007
td,TXDC(dom-rec)
TXDC - CANH,L delay time
dominant - recessive
RL = from 50 Ω to 65 Ω,
70 % VTXD – 30% VDIFF, 5.5 V ≤ VS ≤ 18 V,
TXDC rise time = 10 ns (10% - 90%)
120
ns
E.008
td,TXDC(rec-diff)
TXDC - CANH,L delay
time recessive - dominant
RL = from 50 Ω to 65 Ω,
30 % VTXD – 70% VDIFF, 5.5 V ≤ VS ≤ 18 V,
TXDC fall time = 10 ns (90% - 10%)
120
ns
E.009
tdom(TXDC)
TXDC dominant time-out
Tested by scan
0.8
2
5
ms E.010
Table 26. CAN receive data output: pin RXDC
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit Item
VRXDCLOW
Output voltage dominant level
Active mode,
IRXDC = 2 mA
0
0.2
0.5
V
E.011
VRXDCHIGH
Output voltage recessive level
Active mode,
IRXDC = -2 mA
V1-0.5 V1-0.2
V1
V
E.012
tr,RXDC (1)
RXDC rise time
CL = 15 pF,
30% - 70% VRXDC
0
25
ns
E.013
tf,RXDC(1)
RXDC fall time
CL = 15 pF,
70% - 30% VRXDC
0
25
ns
E.014
td,RXDC(dom-rec)(1)
CANH,L – RXDC delay time dominant -
recessive
CL = 15 pF,
30% VDIFF – 70% VRXDC
120
ns
E.015
td,RXDC(rec - dom)(1)
CANH,L – RXDC delay time recessive -
dominant
CL = 15 pF,
70% VDIFF – 30% VRXDC
120
ns
E.016
1. Specified by design, not tested in production.
Table 27. CAN transmitter dominant output characteristics
Symbol
Parameter
Test condition
Min. Typ. Max. Unit Item
VCANHdom
Single ended CANH voltage
level in dominant state
VTXDC = VTXDCLOW,
RL = from 50 Ω to 65 Ω
2.75 3.5
4.5
V
E.017
VCANLdom
Single ended CANL voltage
level in dominant state
VTXDC = VTXDCLOW,
RL = from 50 Ω to 65 Ω
0.5
1.5
2.25
V
E.018
VDIFF,dom
Differential output voltage in
dominant state:
VCANHdom- VCANLdom
VTXDC = VTXDCLOW,
RL = from 50 Ω to 65 Ω
1.5
2.0
3
V
E.019
VDIFF_Arb
Differential output voltage in
dominant state during
arbitration:
VCANHdom-VCANLdom
VTXDC = VTXDCLOW, RL = 2240 Ω
1.5
5
V
E.099
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 31/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com