Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 54 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 50Page - STMicroelectronics L99DZ320 Datasheet HTML 51Page - STMicroelectronics L99DZ320 Datasheet HTML 52Page - STMicroelectronics L99DZ320 Datasheet HTML 53Page - STMicroelectronics L99DZ320 Datasheet HTML 54Page - STMicroelectronics L99DZ320 Datasheet HTML 55Page - STMicroelectronics L99DZ320 Datasheet HTML 56Page - STMicroelectronics L99DZ320 Datasheet HTML 57Page - STMicroelectronics L99DZ320 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 146 page
background image
Figure 20. Watchdog in debug mode
WD
OFF
long
open
window
Window
Mode
Debug
mode
Active mode
Active mode
Enter
Debug mode
Exit from
Debug mode
Enter
Debug mode
Note:
Whenever the device is operated without servicing the mandatory watchdog trigger events, a sequence of 15
consecutive reset events is performed and the device enters the Forced_Vbat_Stby mode with the bit
FORCED_SLEEP_WD in SR8 set. If the device is woken up after such a forced VBAT_Standby condition and
the watchdog is still not serviced, the device, after one long open watchdog window reenters the same
Forced_Vbat_Stby mode until the next wake-up event. In this case, an additional watchdog failure is generated,
but the fail counter is not cleared, keeping the maximum number of 15 failures. This sequence is repeated until a
valid watchdog trigger event is performed by writing TRIG = 1.
3.6.1
Change watchdog timing
The watchdog trigger time can be configured by setting the WD_TIME (CR 17) bit. Writing to these bits is only
possible with the first SPI command after setting WD_CONFIG_EN = 1. The WD_CONFIG_EN bit is reset to 0
automatically with the next SPI command.
When FAIL_SAFE is active these SPI registers are not accessible and therefore in this case first the FAIL_SAFE
status needs to be cleared. In case of WD_FAIL, the clear is performed by trigging in long open window.
When a new configuration has been programmed, the watchdog continues behaving with the old configuration
until the next trig event.
The new value of WD_TIME is loaded in the watchdog module on the next trig event after the SPI configuration.
The following WD cycle uses the new programmed value.
3.7
Fail-safe mode
3.7.1
Temporary failures
L99DZ320 enters fail-safe mode in case of:
•
Watchdog failure
•
V1 failure (V1 < Vrth for t > tV1FS)
•
Thermal shutdown TSD2
The fail-safe functionality is also available in V1_Standby mode. During V1_Standby mode the fail-safe mode is
entered in the following cases:
•
V1 failure (V1 < Vrth for t > tV1FS)
•
Watchdog failure (if watchdog still running due to Iv1 > Icmp)
•
Thermal shutdown TSD2
In fail-safe mode the device returns to a fail-safe state. The fail-safe condition is indicated to the system in the
global status byte. The conditions during fail-safe mode are:
L99DZ320
Functional description
DS14235 - Rev 5
page 54/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com