Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 48 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 44Page - STMicroelectronics L99DZ320 Datasheet HTML 45Page - STMicroelectronics L99DZ320 Datasheet HTML 46Page - STMicroelectronics L99DZ320 Datasheet HTML 47Page - STMicroelectronics L99DZ320 Datasheet HTML 48Page - STMicroelectronics L99DZ320 Datasheet HTML 49Page - STMicroelectronics L99DZ320 Datasheet HTML 50Page - STMicroelectronics L99DZ320 Datasheet HTML 51Page - STMicroelectronics L99DZ320 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 146 page
background image
3.3
Operating modes
L99DZ320 can be operated in 4 different operating modes:
•
Active
•
Debug
•
V1_Standby
•
VBAT_Standby
3.3.1
Active mode
All functions are available, and the device is controlled by SPI.
3.3.2
Debug mode
To allow software debugging, the watchdog can be deactivated by applying an external voltage to the DEBUG
input pin (Vdebug > VdiH).
In debug mode, all device functionality is available, including CAN, which is enabled by default. The watchdog is
deactivated.
At exit from debug mode (Vdebug < VdiL) the watchdog starts with a long open window.
3.3.3
V1_Standby mode
The transition from active mode to V1_Standby mode is controlled by SPI.
To supply the microcontroller in a low-power mode, the V1 voltage regulator remains active.
After the V1 standby command (CSN low to high transition), the device enters V1_Standby mode immediately
and the watchdog starts a long open window (tLW). The watchdog is deactivated as soon as the V1 load current
drops below the Icmp threshold (Iv1 < Icmp).
The V1 load current monitoring can be deactivated by setting ICMP = 1. In this configuration, the watchdog is
deactivated upon transition into V1_Standby mode without monitoring the V1 load current.
Writing ICMP (CR2) = 1 is only possible with the first SPI command after setting ICMP_CONFIG_EN (CR1) = 1.
The ICMP_CONFIG_EN bit is reset to ‘0’ automatically with the next SPI command.
Power outputs (except HS15 & HS0), as well as the LIN and CAN transmitters are switched off in V1_Standby
mode.
HS15 and HS0 remain in the configuration programmed before the standby command in order to enable (cyclic)
supply of external contacts.
Note:
Before going to V1_Standby mode, the OL_H1L2 and OL_H2L1 bits in control register 12 must be set to 0 to
achieve the specified current consumption.
3.3.4
Interrupt
The interrupt signal (linked to RXDL/NINT internally) indicates a wake-up event from V1_Standby mode. This is
the only mode in which the pin is configured as NINT, otherwise it works as RXDL. In case of a wake-up by wake-
up inputs, valid wake-up frames on LIN or CAN, (activity on LIN or CAN), SPI access or timer interrupt, the NINT
pin is pulled low for 56 μs, after a reaction time tInt_react from the related wake-up event.
In case of increasing V1 load current during V1_Standby mode (Iv1 > Icmp), the device remains in standby mode
and the watchdog starts with a long open window. No interrupt signal is generated.
3.3.5
VBAT_Standby mode
The transition from active mode to VBAT_Standby mode is initiated by an SPI command.
In VBAT_Standby mode, the voltage regulators V1 and V2, the power outputs (except HS15 and HS0) as well as
LIN and CAN transmitters are switched off. An NReset pulse is generated upon wake-up from VBAT_Standby
mode.
Note:
Before going to VBAT_Standby mode, OL_H1L2 and OL_H2L1 bits in control register 12 must be set to 0 to
achieve the specified current consumption.
L99DZ320
Functional description
DS14235 - Rev 5
page 48/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com