Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 70 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 66Page - STMicroelectronics L99DZ320 Datasheet HTML 67Page - STMicroelectronics L99DZ320 Datasheet HTML 68Page - STMicroelectronics L99DZ320 Datasheet HTML 69Page - STMicroelectronics L99DZ320 Datasheet HTML 70Page - STMicroelectronics L99DZ320 Datasheet HTML 71Page - STMicroelectronics L99DZ320 Datasheet HTML 72Page - STMicroelectronics L99DZ320 Datasheet HTML 73Page - STMicroelectronics L99DZ320 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 146 page
background image
3.23
Overcurrent recovery mode
Loads with startup currents higher than the overcurrent limits (for example inrush current of lamps, start current of
motors) can be driven by suitably using the programmable overcurrent recovery (OCR) mode. To enable this
feature, which is available for HB4-6, HS7-HS9, each of these drivers has a corresponding overcurrent recovery
bit. If this bit is set, the output is turned OFF when the overcurrent threshold is reached and turned ON
automatically after a programmable recovery time. The PWM modulated current provides sufficient average
current to power up the load (for example heat up the bulb) until the load reaches operating condition. The
recovery frequency (fOCR) as well as the on time (tOCR) is programmable in CR4.
3.24
H-bridge control
The PWMH and DIRH input controls the drivers of the external H-bridge transistors. In single motor mode the
motor direction can be chosen with the direction input (DIRH), the duty cycle and frequency with the PWMH input
(single mode). With the SPI-registers SD (CR12) and SDS (CR12) four different slow decay modes (via drivers
and via diode) can be selected using the high-side or the low-side transistors. Unconnected inputs are defined by
internal pull-down current. Alternatively, the bridge can be driven in half bridge mode (dual mode). By setting the
dual mode bit DM = 1, both half bridges can be used for two separated motors, using the same control pins DIRH
and PWMH.
Table 54. H-bridge control truth table
Nb
Control pins
Control bits
Failure bits
Output pin
Mode
Description
1
x
x
0
x
x
x
x
x
x
x
x
RL
RL
RL
RL
Single
H-bridge disabled
2
x
x
1
x
x
x
1
0
0
0
0
RL
RL
RL
RL
Charge pump
voltage too low
3
x
x
1
x
x
x
0
x
x
x
1
RL
RL
RL
RL
Thermal shutdown
4
x
x
1
x
x
x
0
1
0
0
0
L
L
L
L
Overvoltage
5
x
x
1
x
x
x
0
0
0
1
0
L(1)
L(1)
L(1)
L(1)
Short-circuit(1)
6
0
1
1
x
x
0
0
0
0
0
0
L
H
H
L
Bridge H2/L1 on
7
x
0
1
0
0
0
0
0
0
0
0
L
H
L
H
Slow-decay mode
LS1 and LS2 on
8
0
0
1
0
1
0
0
0
0
0
0
L
H
L
L
Slow-decay mode
LS1 on
9
1
0
1
0
1
0
0
0
0
0
0
L
L
L
H
Slow-decay mode
LS2 on
10
1
1
1
x
x
0
0
0
0
0
0
H
L
L
H
Bridge H1/L2 on
11
x
0
1
1
0
0
0
0
0
0
0
H
L
H
L
Slow-decay mode
HS1 and HS2 on
12
0
0
1
1
1
0
0
0
0
0
0
L
L
H
L
Slow-decay mode
HS2 on
13
1
0
1
1
1
0
0
0
0
0
0
H
L
L
L
Slow-decay mode
HS1 on
14
0
0
1
1
0
1
0
0
0
0
0
L
L
L
L
Half bridge mode
15
0
1
1
1
0
1
0
0
0
0
0
L
L
L
H
16
1
0
1
1
0
1
0
0
0
0
0
L
H
L
L
17
1
1
1
1
0
1
0
0
0
0
0
L
H
L
H
18
0
0
1
0
1
1
0
0
0
0
0
L
L
L
L
L99DZ320
Functional description
DS14235 - Rev 5
page 70/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com