Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 32Page - STMicroelectronics L99DZ320 Datasheet HTML 33Page - STMicroelectronics L99DZ320 Datasheet HTML 34Page - STMicroelectronics L99DZ320 Datasheet HTML 35Page - STMicroelectronics L99DZ320 Datasheet HTML 36Page - STMicroelectronics L99DZ320 Datasheet HTML 37Page - STMicroelectronics L99DZ320 Datasheet HTML 38Page - STMicroelectronics L99DZ320 Datasheet HTML 39Page - STMicroelectronics L99DZ320 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 146 page
background image
Table 33. CAN receiver input current
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
Item
ILeakage, CANH Input leakage current CANH
Unpowered device,
VCANH = 5 V, VCANL = 5 V, VS < VPOR_F(1),
VS, VCANSUP(2) connected via 0 Ω to GND,
VS, VCANSUP (2) connected via 47 kΩ to GND,
TJ = -40 to 130 °C
-5
5
µA
E.050
ILeakage, CANL Input leakage current CANL
Unpowered device,
VCANH = 5 V, VCANL = 5 V, VS < VPOR_F(1),
VS, VCANSUP (3) connected via 0 Ω to GND,
VS, VCANSUP (3) connected via 47 kΩ to GND,
TJ = -40 to 130 °C
-5
5
µA
E.052
1. Vs not floating.
2. Related to the external supply pin of the CAN-transceiver. If the transceiver supply is generated entirely inside the device
the parameter is measured with respect to the supply of the device.
3. Related to the external supply pin of the CAN-transceiver. If the transceiver supply is generated entirely inside the device
the parameter is measured with respect to the supply of the device; if the transceiver is supplied by its own supply pin, this
pin has to fulfill this specification as well as the supply that is used to generate the transceiver voltage in case it is on the
same device.
Note:
The leakage currents have to be measured with the supply of the CAN-transceiver connected to ground either
directly or via 47 kΩ. If the CAN-transceiver supply is generated by the device from VS, VS has to be connected
to ground. If the CAN-transceiver is supplied by another device, the supply of the CAN-transceiver has to be
connected to ground.
Table 34. Biasing control timings
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Item
tfilter
CAN activity filter time
0.5
1.8
µs
E.054
twake
Wake-up time out
Tested by scan
0.8
1
5
ms
E.055
tSilence
CAN timeout
Tested by scan
600
700
1200
ms
E.056
TBias
CAN bias reaction time
250
µs
E.123
2.4.19
LIN transceiver
LIN ISO 17987-4:2016 compliant for data rates up to 20 kBit/s
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin.
6 V < VSREG < 18 V, TJ = -40 °C to 150 °C unless otherwise specified.
Table 35. LIN transmit data input: pin TXD
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Item
VTXDLOW
Input voltage dominant level
Active mode
1.0
1.45
V
E.058
VTXDHIGH
Input voltage recessive level
Active mode
1.85
2.3
V
E.059
VTXDHYS
VTXDHIGH - VTXDLOW
Active mode
0.2
0.4
V
E.060
RTXDPU
TXD pull-up resistor
Active mode
13
29
49
kΩ
E.061
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 36/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com