Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 16Page - STMicroelectronics L99DZ320 Datasheet HTML 17Page - STMicroelectronics L99DZ320 Datasheet HTML 18Page - STMicroelectronics L99DZ320 Datasheet HTML 19Page - STMicroelectronics L99DZ320 Datasheet HTML 20Page - STMicroelectronics L99DZ320 Datasheet HTML 21Page - STMicroelectronics L99DZ320 Datasheet HTML 22Page - STMicroelectronics L99DZ320 Datasheet HTML 23Page - STMicroelectronics L99DZ320 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 146 page
background image
2.4.10
Outputs HB4-HB6, HS7-HS15, HS0
The voltages are referred to ground, and currents are assumed positive, when the current flows into the pin.
6 V ≤ VS ≤ 18 V, all outputs open, TJ = -40 °C to 150 °C, unless otherwise specified.
Table 16. Outputs HB4–HB6, HS7–HS15, HS0
Symbol
Parameter
Test condition
Min. Typ. Max. Unit Item
rON HB6
On-resistance to supply or GND
VS = 13.5 V, TA = 25 °C,
IHB6 = ±1.5 A
300
400
mΩ D.001
VS = 13.5 V, TA = 125 °C,
IHB6 = ±1.5 A
450
600
mΩ D.002
rON HB4
On-resistance to supply or GND
VS = 13.5 V, TA = 25 °C,
IHB4 = ±3 A
150
200
mΩ D.093
VS = 13.5 V, TA = 125 °C,
IHB4 = ±3 A
225
300
mΩ D.094
rON HB5
On-resistance to supply or GND
VS = 13.5 V, TA = 25 °C,
IHB5 = ±3 A
100
140
mΩ D.095
VS = 13.5 V, TA = 125 °C,
IHB5 = ±3 A
140
190
mΩ D.096
rON HS7
On-resistance to supply
in low resistance mode
VS = 13.5 V, TA = 25 °C,
IHS7 = -1.1 A
300
420
mΩ D.007
VS = 13.5 V, TA = 125 °C,
IHS7 = -1.1 A
450
620
mΩ D.008
On-resistance to supply in high resistance
mode
VS = 13.5 V, TA = 25 °C,
IHS7 = -0.2 A
1600 2200 mΩ D.009
VS = 13.5 V, TA = 125 °C,
IHS7 = -0.2 A
2500 3400 mΩ D.010
rON HS8, HS9
On-resistance to supply
VS = 13.5 V, TA = 25 °C,
IHS8,HS9 = -0.4 A
1400 2200 mΩ D.011
VS = 13.5 V, TA = 125 °C,
IHS8,HS9 = -0.4 A
2700 3400 mΩ D.012
rON HS0, HS11, HS12,
HS13, HS14, HS15
On-resistance to supply
VS = 13.5 V, TA = 25 °C,
IHS0,HS11,HS12,HS13,HS14,HS15 = -60 mA
7
10
Ω
D.017
VS = 13.5 V, TA = 125 °C,
IHS0,HS11,HS12,HS13,HS14,HS15 = -60 mA
11
15
Ω
D.018
IQLH
Switched-off output current
high-side drivers of HS7-HS15, HS0 (1)
VOUT = 0 V, standby mode
-5
µA
D.021
VOUT = 0 V, active mode
-10
µA
D.022
Switched-off output current high-side
drivers of HB6 (1)
VOUT = 0 V, standby mode
-6
µA
D.023
VOUT = 0 V, active mode
-100
µA
D.024
IQLL
Switched-off output current low-side drivers
of HB6(1)
VOUT = VS, standby mode
165
µA
D.025
VOUT = VS -0.5 V, active mode
-100
D.026
1. Negative value: leakage internally sink from driver output pin to internal IC ground. Positive value: leakage sourced from internal driver
output pin to external ground.
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 20/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com