Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 86 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 82Page - STMicroelectronics L99DZ320 Datasheet HTML 83Page - STMicroelectronics L99DZ320 Datasheet HTML 84Page - STMicroelectronics L99DZ320 Datasheet HTML 85Page - STMicroelectronics L99DZ320 Datasheet HTML 86Page - STMicroelectronics L99DZ320 Datasheet HTML 87Page - STMicroelectronics L99DZ320 Datasheet HTML 88Page - STMicroelectronics L99DZ320 Datasheet HTML 89Page - STMicroelectronics L99DZ320 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 146 page
background image
SPI burst read
Table 65. Burst read bit
Bit 7
Description
0
BR not available
1
BR available
The SPI burst read bit indicates if a burst read operation is implemented. The intention of a burst read is for
example used to perform a device internal memory dump to the SPI master.
The start of the burst read is like a normal read operation. The difference is that after the SPI data length the CSN
is not pulled high and the SCK is continuously clocked. When the normal SCK max count is reached (SPI data
length) the consecutive addressed data is latched into the shift register. This procedure is performed every time
when the SCK payload length is reached.
In case the automatic incremented address is not used by the device, undefined data is shifted out. An automatic
address overflow is implemented when address 3FH is reached.
The SPI burst read is limited by the CSN low timeout.
SPI data length
The SPI data length value indicates the length of the SCK count monitor which is running for all accesses to the
device application registers. In case a communication frame with an SCK count is not equal to the reported one it
will lead to a SPI error and the data will be rejected.
Table 66. SPI data length
Bit 6
Bit 5
Bit 4
Description
DL2
DL1
DL0
0
0
0
Invalid
0
0
1
16-bit SPI
0
1
0
24-bit SPI
0
1
1
32-bit SPI
1
1
1
64-bit SPI
Table 67. Data consistency check (parity-check)
Bit 1
Bit 0
Description
S1
S0
0
0
Not used
0
1
Parity used
1
0
CRC used
1
1
Invalid
Watchdog definition
(see also Section 2.4.7: Watchdog)
In case a watchdog is implemented the default settings can be read out via the device information registers.
Table 68. WD type/timing
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WD1
WD0
<WD type 1/2>
0
0
Register is not used
L99DZ320
Serial peripheral interface (SPI)
DS14235 - Rev 5
page 86/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com