Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 87 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 83Page - STMicroelectronics L99DZ320 Datasheet HTML 84Page - STMicroelectronics L99DZ320 Datasheet HTML 85Page - STMicroelectronics L99DZ320 Datasheet HTML 86Page - STMicroelectronics L99DZ320 Datasheet HTML 87Page - STMicroelectronics L99DZ320 Datasheet HTML 88Page - STMicroelectronics L99DZ320 Datasheet HTML 89Page - STMicroelectronics L99DZ320 Datasheet HTML 90Page - STMicroelectronics L99DZ320 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 146 page
background image
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
<WD type 1>
0
1
WT5
WT4
WT3
WT2
WT1
WT0
1
1
1
1
1
0
0
Watchdog timeout/long open window WT[5:0] * 5 ms
<WD type 2>
1
0
OW2
OW1
OW0
CW2
CW1
CW0
1
0
0
1
0
0
0
1
Open window OW[2:0] *
Closed window CW[2:0] *
5 ms
5 ms
<WD type 1/2>
1
1
Invalid
<WD type 1>: 3CH (long open window: 300 ms)
<WD type 2>: 91H (open window: 10 ms, closed window: 5 ms)
<WD type 1> indicates the long open window (timeout) which is opened at the start of the watchdog. The binary
value of WT [5:0] times 5 ms indicates the typical value of the timeout time.
<WD type 2> describes the default timing of the window watchdog.
The binary value of CW [2:0] times 5 ms defines the typical closed window time (tCW) and OW [2:0] times 5 ms
defines the typical open window time (tOW). See Figure 44. Window watchdog operation, which recalls with
Figure 4. Watchdog timing tCW = TEFW and tOW = TLFW - TEFW
Figure 44. Window watchdog operation
tLOW
tCW
tOW
tCW
tOW
tCW
tOW
tLOW
tCW
tLOW
tOWF
WD-
Tigger
normal
operation
missing
trigger
early
write
time
= correct trigger timing
= early trigger timing
= missing trigger
tCW = closed window
tLOW = long open window
tOW = open window
= tCW + tOW = open window fail
tOWF
The watchdog trigger bit location is defined by the <WD bit pos. X> registers.
L99DZ320
Serial peripheral interface (SPI)
DS14235 - Rev 5
page 87/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com