Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 88 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 84Page - STMicroelectronics L99DZ320 Datasheet HTML 85Page - STMicroelectronics L99DZ320 Datasheet HTML 86Page - STMicroelectronics L99DZ320 Datasheet HTML 87Page - STMicroelectronics L99DZ320 Datasheet HTML 88Page - STMicroelectronics L99DZ320 Datasheet HTML 89Page - STMicroelectronics L99DZ320 Datasheet HTML 90Page - STMicroelectronics L99DZ320 Datasheet HTML 91Page - STMicroelectronics L99DZ320 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 146 page
background image
Table 69. WD bit position
Bit 7 Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WB1 WB0
<WD bit
pos. X>
0
0
Register is not used
<WD bit
pos. X>
0
1
WBA5
WBA4
WBA3
WBA2
WBA1
WBA0
<WD bit
pos. 1>
0
1
0
0
0
0
0
1
<WD bit
pos. 3>
0
1
1
1
1
1
1
1
Defines the register addresses of the WD trigger bits
<WD bit
pos. X>
1
0
WBA5
WBA4
WBA3
WBA2
WBA1
WBA0
Defines the stop address of the address range (previous<WD bit pos. X> is a WB = ‘01’). The
consecutive <WD bitpos. X> has to be a WB = ‘11’
<WD bit
pos. X>
1
1
0
WBP 4
WBP3
WBP2
WBP1
WBP0
<WD bit
pos. 2>
1
1
0
0
0
0
0
0
<WD bit
pos. 4>
1
1
0
0
0
0
0
0
Defines the binary bit position of the WD trigger
bit within the register
<WD bit pos 1>: 41H; watchdog trigger bit located at address 01H (CR18)
<WD bit pos 2>: C0H; watchdog trigger bit location is bit0
<WD bit pos 3>: 7FH; watchdog trigger bit located at address 3FH (CR1)
<WD bit pos 4>: C0H; watchdog trigger bit location is bit0
Device application registers (DAR)
The device application registers are all accessible using OpCode ‘00’, ‘01’ and ‘10’. The functions of these
registers are defined in the device specification.
4.2.4
Protocol failure detection
To realize a protocol which covers certain failsafe requirements a basic set of failure detection mechanisms is
implemented.
Clock monitor
During communication (CSN low to high phase) a clock monitor counts the valid SCK clock edges. If the SCK
edges do not correlate with the SPI data length an SPIE is reported with the next command and the actual
communication is rejected.
By accessing the device information registers (OpCode = ‘11’) the clock monitor is set to a minimum of 16 SCK
edges plus a multiple by 8 (for example 16, 25, 32, ...).
Providing no SCK edge during a CSN low to high phase is not recognized as a SPIE. For a SPI burst read also
the SPI data length plus multiple numbers of payloads SCK edges are assumed as a valid communication.
SCK polarity (CPOL) check
To detect the wrong polarity access via SCK the internal clock monitor is used. Providing first a negative edge on
SCK during communication (CSN low to high phase) or a positive edge at last leads to an SPI error reported in
the next communication and the actual data is rejected.
SCK phase (CPHA) check
L99DZ320
Serial peripheral interface (SPI)
DS14235 - Rev 5
page 88/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com