Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 90 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 86Page - STMicroelectronics L99DZ320 Datasheet HTML 87Page - STMicroelectronics L99DZ320 Datasheet HTML 88Page - STMicroelectronics L99DZ320 Datasheet HTML 89Page - STMicroelectronics L99DZ320 Datasheet HTML 90Page - STMicroelectronics L99DZ320 Datasheet HTML 91Page - STMicroelectronics L99DZ320 Datasheet HTML 92Page - STMicroelectronics L99DZ320 Datasheet HTML 93Page - STMicroelectronics L99DZ320 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 146 page
background image
5
Application circuit
Figure 45. Application circuit
5V_1
2x
VREG1
VREG2
NRESET
RXDC
TXDC
CAN_H
VSREG
Debug
CP
VS
Pump
Charge
HB6
HB4
HB5
Driver Interface,
HS7
RXDL/NINT
TXDL
LIN
SPI Interface
TO
Watchdog
EI1
DIR1 / EI2
HS0
Direct
CM
SGND
PGND
Buffered
Logic & Diagnostic
½
Bridge
½
Bridge
½
Bridge
HS
n-chan
HS
n-chan
HS
n-chan
HS
p-chan
HS
p-chan
HS
p-chan
HS
p-chan
HS
p-chan
HS
p-chan
CP2P
Thermal
Clusters
CAN_SUP
Digital
M
M
Vbat
~100nF
~100nF
~100nF
220nF
M
µC (output)
V Protected
V Protected
µC (input)
VS
Drive 1
µC Supply
5V_2
1 µF
Ext Loads
µC (input)
µC (output)
CAN_L
µC (input)
µC (output)
1k
70
70
HS8
HS9
10W/2x5W (or LED)
HS15
HS14
HS13
HS12
HS11
Contact
Supply
Lock
Safe Lock
1) Capacitance to be dimensioned according to load current (rule of thumb 500µF each 10A)
1)
2) Capacitance to be dimensioned e.g. according to voltage drop out requirements
2)
3) OEM requirements and external components for LIN resp CAN to be fulfilled.
3)
3)
4) For EMC optimization purposes, capacitance could be redimensioned (2.2µF recommended)
4)
4)
ESD Protection
22nF
for ECU pins
47nF
PWM 6 / DIR2
PWM 4-5
µC (output)
µC (output)
PWM 6
External Interrupts
1k
1 µF
70
70
Vbat
L99DZ320
Application circuit
DS14235 - Rev 5
page 90/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com