Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 46 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 42Page - STMicroelectronics L99DZ320 Datasheet HTML 43Page - STMicroelectronics L99DZ320 Datasheet HTML 44Page - STMicroelectronics L99DZ320 Datasheet HTML 45Page - STMicroelectronics L99DZ320 Datasheet HTML 46Page - STMicroelectronics L99DZ320 Datasheet HTML 47Page - STMicroelectronics L99DZ320 Datasheet HTML 48Page - STMicroelectronics L99DZ320 Datasheet HTML 49Page - STMicroelectronics L99DZ320 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 146 page
background image
3
Functional description
3.1
Supply VS, VSREG
VSREG supplies voltage regulators V1 and V2, all internal regulated voltages for analog and digital functionality,
LIN, CAN, and two of P-channel high-side switches (HS15 and HS0).
All other high-sides and the charge pump are supplied by VS. In case of VSREG pin disconnected, all power
devices connected to VS are automatically switched off.
Filtering capacitors on VS and VSREG lines must be dimensioned to ensure transient slopes < 100 mV/µs.
3.2
Voltage regulators
The L99DZ320 contains two fully protected low drop voltage regulators, which are designed for very fast transient
response and do not require electrolytic output capacitors for stability.
3.2.1
Voltage regulator V1
The V1 voltage regulator provides 5 V supply voltage and up to 250 mA continuous load current to supply the
system microcontroller and the integrated CAN transceiver. The V1 regulator is embedded in the power
management and fail-safe functionality of the device and operates according to the selected operating mode. The
V1 voltage regulator is supplied by pin VSREG.
In addition, the V1 regulator supplies the device internal loads. The voltage regulator is protected against overload
and overtemperature. An external reverse current protection has to be provided by the application circuitry to
prevent the input capacitor from being discharged by negative transients or low input voltage. Current limitation of
the regulator ensures fast charge of external bypass capacitors. The output voltage is stable for ceramic load
capacitors ≥ 1 µF.
In case the device temperature exceeds the TSD1 threshold the V1 regulator remains on. Hence, the
microcontroller has the possibility for interaction or error logging. If the chip temperature exceeds TSD2 threshold
(TSD2 > TSD1), V1 is deactivated and all wake-up sources (CAN, LIN, EI1, EI2 and timer) are disabled. After
tTSD, the voltage regulator restarts automatically. If the restart fails 7 times within one minute the L99DZ320 enters
the forced VBAT-standby mode. The status bit Forced_Sleep_TSD2_V1SC is set.
3.2.2
Voltage regulator V2
The voltage regulator V2 is supplied by pin VSREG and can supply additional 5 V loads such as sensors or
potentiometers.
Voltage regulator V2 is tracker of V1 regulator. i.e. provides a 5V output that tracks the V1 regulator output voltage
with ΔVo (C.038) accuracy.
Load current of V2 can be up to 50 mA.
The V2 regulator is protected against:
•
overload
•
overtemperature
•
short-circuit (short to ground and battery supply voltage)
•
reverse biasing
3.2.3
Voltage regulator failure
The V1 and V2 regulator output voltages are monitored.
In case of a drop below the V1, V2 fail thresholds (V1,2 < V1,2fail, for t > tV1,2fail), the failure bits V1FAIL, V2FAIL
(SR7) are latched. The fail bits can be cleared by a dedicated SPI command.
3.2.4
Short to ground detection
At turn on of the V1 and V2 regulators, a short to GND condition is detected by monitoring the regulator output
voltage.
If V1 (V2) is below the V1fail (V2fail) threshold for t > tV1short (t > tV2short) after turn on, the L99DZ320 identifies a
short-circuit condition at the related regulator output and the regulator is switched off.
In the case of V1 short to GND, the device enters VBAT-standby mode automatically.
L99DZ320
Functional description
DS14235 - Rev 5
page 46/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com