Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 56 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 52Page - STMicroelectronics L99DZ320 Datasheet HTML 53Page - STMicroelectronics L99DZ320 Datasheet HTML 54Page - STMicroelectronics L99DZ320 Datasheet HTML 55Page - STMicroelectronics L99DZ320 Datasheet HTML 56Page - STMicroelectronics L99DZ320 Datasheet HTML 57Page - STMicroelectronics L99DZ320 Datasheet HTML 58Page - STMicroelectronics L99DZ320 Datasheet HTML 59Page - STMicroelectronics L99DZ320 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 146 page
background image
In forced VBAT standby mode, all control registers are set to power on default.
The forced VBAT standby mode is entered in case of:
•
Multiple watchdog failures: FORCED_SLEEP_WD = 1 (15x watchdog failure)
•
Multiple thermal shutdown 2: FORCED_SLEEP_TSD2_V1SC = 1 (7x TSD2)
•
V1 short at turn on (V1 < V1fail for t > tV1short): FORCED_SLEEP_TSD2_V1SC (SR8) = 1
•
Loss of ground: SGNDLOSS (SR3) = 1
Table 53. Non recoverable failures conditions
Failure source
Failure condition
Diagnosis
Exit from
fail-safe mode
Microcontroller
(oscillator)
15 consecutive
watchdog failures
FS (global status byte) =1
WDFAIL (SR8) = 1
FORCED_SLEEP_WD (SR8) = 1
Wake-up
TRIG = 1 during long
open window
Read&Clear SR8
V1
Short at turn on
FS (global status byte) = 1
V1FAIL = 1
FORCED_SLEEP_TSD2_V1SC (SR8) = 1
Wake-up
Read&Clear SR8
Temperature
7 times TSD2
FS (global status byte) =1
TW (SR7) = 1
TSD1 (SR8) = 1
TSD2 (SR8) = 1 FORCED_SLEEP_TSD2_V1SC (SR8) =
1
Wake-up
Read&Clear SR8
SGND
Loss of ground at
SGND pin
FS (global status byte) = 1
SGNDLOSS (SR3) = 1
Wake-up
Read&Clear SR3
3.8
Reset output
If V1 is turned on and the voltage exceeds the V1 reset threshold, the reset output “NRESET” is pulled up by the
internal pull-up resistor to V1 voltage after a reset delay time (tRD). This is necessary for a defined start of the
microcontroller when the application is switched on. Since the NRESET output is realized as an open drain
output, it is also possible to connect an external NRESET open drain NRESET source to the output. As soon as
the NRESET is released, the watchdog timing starts with a long open window.
Figure 21. NRESET pin
Data in
110 kΩ
Data out
A reset pulse is generated in case of:
•
V1 drops below Vrth (configurable by SPI) for t > tuv1
•
Watchdog failure
L99DZ320
Functional description
DS14235 - Rev 5
page 56/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com