Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 18Page - STMicroelectronics L99DZ320 Datasheet HTML 19Page - STMicroelectronics L99DZ320 Datasheet HTML 20Page - STMicroelectronics L99DZ320 Datasheet HTML 21Page - STMicroelectronics L99DZ320 Datasheet HTML 22Page - STMicroelectronics L99DZ320 Datasheet HTML 23Page - STMicroelectronics L99DZ320 Datasheet HTML 24Page - STMicroelectronics L99DZ320 Datasheet HTML 25Page - STMicroelectronics L99DZ320 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 146 page
background image
Symbol
Parameter
Test condition
Min. Typ. Max. Unit Items
td ON L
Output delay time low-side driver on
(HB5)
VS = 13.5 V(3)
corresponding high-side driver is not
active;
(from CSN 50% to OUT 80%)
0.05
3
µs
D.113
td OFF L
Output delay time low-side driver off
(HB5)
VS = 13.5 V(3)
(from CSN 50% to OUT 20%)
0.05
3
µs
D.114
Td OFF H
Output delay time high-side driver
HS8,HS9 OFF (delay between CSN or
DIR 50% to OUT at 20% of VS)
VS = 13.5 V, V1 = 5 V,
Rload = 128 Ω
5
70
µs
D.115
Td ON H
Output delay time high-side driver
HS8,HS9 ON (delay between CSN or
DIR 50% to OUT at 20% of VS)
VS = 13.5 V, V1 = 5 V,
Rload = 128 Ω
2
50
µs
D.116
Td OFF H
Output delay time high-side driver
OFF (HS11,..,HS,HS0) (delay between
CSN or DIR 50% to OUT at 20% of
VS)
VS = 13.5 V, V1 = 5 V,
Rload = 128 Ω
20
140
µs
D.034
Td ON H
Output delay time high-side driver ON
(HS11,..,HS,HS0) (delay between
CSN or DIR 50% to OUT at 80% of
VS)
VS = 13.5 V, V1 = 5 V,
Rload = 128 Ω
10
60
µs
D.033
tCCP
Cross current protection time HB4,…
HB6
180 300
500
µs
D.038
dVOUT/dt
Slew rate for drivers HS7-HS, HS0
VS = 13.5 V(1)(2)(3)(4)
0.2
V/µs D.040
Slew rate on output drivers HB4,HB5,
HB6 controlled by PWM4-5 / PWM6
VS = 13.5 V(1)(2)(3)(4)
6
10
20
V/µs D.117
dVmax/dt(5)
Maximum external applied slew rate
on HB4-HB6 without switching on the
LS and HS
20
V/µs D.041
fPWM1
PWM switching frequency
Tested by scan
VS/VSREG = 13.5 V
100
Hz
D.043
fPWM2
PWM switching frequency
Tested by scan
VS/VSREG = 13.5 V
200
Hz
D.044
DC1
SPI configurable duty cycle for HS7…
HS and HS0
Tested by scan
0.1% steps
0.1
100
%
D.118
1. Rload = 16 Ω at HB6 and HS7 in low on-resistance mode.
2. Rload = 128 Ω at HS8, HS9, HS11, HS12, HS13, HS14, HS15, HS0 and HS7 in high on-resistance mode.
3. Rload = 4 Ω at HB4,HB5.
4. Slope dVOUT/dt is measured between 20% and 80% of the final output voltage value.
5. Parameter specified by design, not tested in production.
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 22/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com