Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 26Page - STMicroelectronics L99DZ320 Datasheet HTML 27Page - STMicroelectronics L99DZ320 Datasheet HTML 28Page - STMicroelectronics L99DZ320 Datasheet HTML 29Page - STMicroelectronics L99DZ320 Datasheet HTML 30Page - STMicroelectronics L99DZ320 Datasheet HTML 31Page - STMicroelectronics L99DZ320 Datasheet HTML 32Page - STMicroelectronics L99DZ320 Datasheet HTML 33Page - STMicroelectronics L99DZ320 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 146 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit Item
Rwu_act
Input resistor to Gnd in active mode and in standby
mode during wake-up input sensing
80
160
300
kΩ
A.164
twu_cyc
Cyclic wake filter time
Tested by scan
16
µs
A.165
1. Specified by design, not tested in production.
2.4.18
CAN FD transceiver
ISO 11898-2:2016 compliant.
SAE J2284 compliant.
The voltages are referred to GND and currents are assumed positive when the current flows into the pin.
6 V < VSREG < 18 V, 4.8 V < Vcansup. < 5.2 V, TJ = -40°C to 150°C, unless otherwise specified.
-12 V ≤ (CANH + CANL)/2 ≤ 12 V.
Table 24. CAN communication operating range
Symbol
Parameter
Test condition
Min. Typ. Max. Unit Item
VSREG_Transmitter
Supply voltage operating
range for CAN
transmitter(1)
5.5
18
V
E.001
VSREG_Receiver
Supply voltage operating
range for CAN receiver
5
18
V
E.093
VCANSUPlow
CAN supply low voltage
flag
VV1 = VCANSUP decreasing
3.9
4.2
4.5
V
E.002
VCANHL,CM
Common mode bus
voltage (VCANH +
VCANL)/2
Measured with respect to the ground of each
CAN transceiver
-12
12
V
E.003
ITRCV
Transceiver current
consumption during
normal mode
Active mode:
RL = from 50 Ω to 65 Ω, CRXD = 15 pF,
70% VRXDC (rising) - 30% VRXDC (falling),
TXD rise and fall time = 10 ns
(10% - 90%, 90% - 10%),
Test signal to be applied on the TXD input of
the implementation is a square wave signal with
a positive duty cycle of 1/6 and a period of six
times the nominal recessive bit width
rectangular pulse signal
TTXDC = 6*TBIT(2),
high pulse 1*TBIT, low pulse 5*TBIT
120
mA E.094
ITRCV_short
Transceiver current
consumption during
output short
RL = 50 Ω to 65 Ω,
VCANH = -3 V or VCANL = 40 V
120
mA E.095
ITRCVLPbias
Transceiver current
consumption; biasing
active
RL = from 50 to 65 Ω,
VTXDC = VTXDCHIGH,
400
600
µA
E.096
ITRCVLP
Transceiver current
consumption during low-
power mode; biasing
inactive
RL = 50 Ω to 65 Ω,
VTXDC = VTXDCHIGH
50
µA
E.097
1. At VSREG < VSREG_Tranmitter(min) the transceiver shall enter high impedance state.
2. The bit time TBIT is the nominal bit time at a given bit rate (TBIT = 1/BR). For example: at BR = 2 Mb/s => TBIT = 500 ns.
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 30/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com