Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 38 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 34Page - STMicroelectronics L99DZ320 Datasheet HTML 35Page - STMicroelectronics L99DZ320 Datasheet HTML 36Page - STMicroelectronics L99DZ320 Datasheet HTML 37Page - STMicroelectronics L99DZ320 Datasheet HTML 38Page - STMicroelectronics L99DZ320 Datasheet HTML 39Page - STMicroelectronics L99DZ320 Datasheet HTML 40Page - STMicroelectronics L99DZ320 Datasheet HTML 41Page - STMicroelectronics L99DZ320 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 146 page
background image
1. Slave mode.
2. Specified by design, not tested in production.
Table 38. LIN transceiver timing
Symbol
Parameter
Test condition
Min. Typ. Max. Unit Item
tRXpd
Receiver propagation delay time
tRXpd = max(tRXpdr,tRXpdf);
tRXpdf = t(0.5 VRXD) -t(0.45 VLIN);
tRXpdr = t(0.5 VRXD) -t(0.55 VLIN);
VS = 12 V; CRXD = 20 pF;
Rbus = 1 kΩ, Cbus = 1 nF;
Rbus = 660 Ω, Cbus = 6.8 nF; Rbus = 500 Ω, Cbus = 10 nF
6
μs
E.084
tRXpd_sym
Symmetry of receiver propagation
delay time (rising vs. falling edge)
tRXpd_sym = tRXpdr-tRXpdf;
VS = 12 V;
Rbus = 1 kΩ, Cbus = 1 nF ;
CRXD = 20 pF
-2
2
μs
E.085
D1
Duty cycle 1
THRec(max) = 0.744*VS; THDom(max) = 0.581*VS;
VS = from 7 V to 18 V, tbit = 50 μs;
D1 = tbus_rec(min) / (2xtbit);
Rbus = 1 kΩ, Cbus = 1 nF;
Rbus = 660 Ω, Cbus = 6.8 nF; Rbus = 500 Ω, Cbus = 10 nF
0.396
E.086
D2
Duty cycle 2
THRec(min) = 0.422*VS; THDom(min) = 0.284*VS;
VS = from 7.6 V to 18 V, tbit = 50 μs;
D2 = tbus_rec(max) /(2xtbit);
Rbus = 1 kΩ, Cbus = 1 nF;
Rbus = 660 Ω, Cbus = 6.8 nF; Rbus = 500 Ω, Cbus = 10 nF
0.581
E.087
D3
Duty cycle 3
THRec(max) = 0.778*VS; THDom(max) = 0.616*VS;
VS = from 7 V to 18 V, tbit = 96 μs;
D3 = tbus_rec(min) /(2xtbit);
Rbus = 1 kΩ, Cbus = 1 nF;
Rbus = 660 Ω, Cbus = 6.8 nF; Rbus = 500 Ω, Cbus = 10 nF
0.417
E.088
D4
Duty cycle 4
THRec(min) = 0.389*VS; THDom(min) = 0.251*VS;
VS = from 7.6 V to 18 V, tbit = 96 μs;
D4 = tbus_rec(max) /(2xtbit);
Rbus = 1 kΩ, Cbus = 1 nF;
Rbus = 660 Ω, Cbus = 6.8 nF; Rbus = 500 Ω, Cbus = 10 nF
0.590
E.089
tdom(TXDL) TXDL dominant time out
Tested by scan
12
ms E.090
tLIN
LIN permanent recessive time out
Tested by scan
40
μs
E.091
Tdom(bus)
LIN bus permanent dominant time-
out
Tested by scan
12
ms E.092
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 38/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com