Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 4Page - STMicroelectronics L99DZ320 Datasheet HTML 5Page - STMicroelectronics L99DZ320 Datasheet HTML 6Page - STMicroelectronics L99DZ320 Datasheet HTML 7Page - STMicroelectronics L99DZ320 Datasheet HTML 8Page - STMicroelectronics L99DZ320 Datasheet HTML 9Page - STMicroelectronics L99DZ320 Datasheet HTML 10Page - STMicroelectronics L99DZ320 Datasheet HTML 11Page - STMicroelectronics L99DZ320 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 146 page
background image
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
IHS9, HS11, HS12,
HS13, HS14, HS15,
HS0
Output current (2)
-1.25
1.25
A
IHS8
Output current(2)
-2.5
2.5
A
IHS7
Output current(2)
-5
5
A
IHB6
Output current(2)
-5
5
A
IHB4,5
Output current(2)
-10
10
A
IVScum
Maximum cumulated current at VS drawn by HS8(2)
-2.5
2.5
A
Maximum cumulated current at VS drawn by HB4(2)
-10
10
Maximum cumulated current at VS drawn by HB5(2)
-10
10
Maximum cumulated current at VS drawn by HB6 & HS7(2)
-7.5
7.5
Maximum cumulated current at VS drawn by HS9, HS11,
HS12, HS13, HS14, HS15 and CP
-2.5
2.5
IVSREG
Maximum current at VSREG pin(2) (5V_1. 5V_2 and HS0)
-2.5
2.5
A
IPGNDcum
Maximum cumulated current at PGND drawn by HB6(2)
-7.5
7.5
A
Maximum cumulated current at PGND drawn by HB5(2)
-12.5
12.5
Maximum cumulated current at PGND drawn by HB4(2)
-12.5
12.5
ISGND
Maximum current at SGND(2)
-1.25
1.25
A
GND pins
PGND vs SGND
-0.3
0.3
V
1. L99DZ320 is protected against 5V2 shorted to VS and 5V2 reverse biasing when VSREG is higher than 3.5 V.
2. Values for the absolute maximum DC current through the bond wires. This value does not consider maximum power
dissipation or other limits.
Note:
1. All maximum ratings are absolute ratings. Leaving the limitation of any of these values may cause an
irreversible damage of the integrated circuit.
2. Loss of ground or ground shift with externally grounded loads: ESD structures are configured for nominal
currents only. If external loads are connected to different grounds, the current load must be limited to this
nominal current.
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 8/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com