Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 9Page - STMicroelectronics L99DZ320 Datasheet HTML 10Page - STMicroelectronics L99DZ320 Datasheet HTML 11Page - STMicroelectronics L99DZ320 Datasheet HTML 12Page - STMicroelectronics L99DZ320 Datasheet HTML 13Page - STMicroelectronics L99DZ320 Datasheet HTML 14Page - STMicroelectronics L99DZ320 Datasheet HTML 15Page - STMicroelectronics L99DZ320 Datasheet HTML 16Page - STMicroelectronics L99DZ320 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 146 page
background image
Symbol
Parameter
Test condition
Min. Typ. Max. Unit Item
CAN WU disabled
IV(V1stby)
Current consumption in
V1_Standby mode(1)
VS = 12 V, TJ = 85°C,
voltage regulator V1 active,
(IV1<Icmp),
HS/LS driver OFF
60
146
µA
A.017
IqEIx(2)
Additional quiescent current for
each EIx active (x = 1, 2)
200
nA
A.018
IqCAN_WU(2)
Additional quiescent current with
CAN wake-up enabled
(CAN_WU_EN = 1)
10
µA
A.019
IHS0_HS15_DIR(2)
Quiescent current adder if HS0 or
HS15 is configured for direct
drive; value during output OFF
5
µA
A.021
1. Conditions for specified current consumption:
•
VLIN > (VS -1.5 V)
•
(CAN_H - CAN_L) < 0.4 V or (CAN_H - CAN_L) > 1.2 V
•
VWU < 1 V or VWU > (VS - 1.5 V)
•
LIN wake-up is possible
2. Parameter specified by design, not tested in production.
2.4.2
Oscillator
The voltages are referred to ground, and currents are assumed positive, when the current flows into the pin.
6 V < VS < 28 V, 6 V < VSREG < 28 V, TJ = -40 °C to 150 °C, unless otherwise specified.
Table 8. Oscillator
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Item
FCLK1(1)
Oscillation frequency
-
0.80
1.0
1.20
MHz
A.023
FCLK2(1)
Oscillation frequency
-
12.8
16.0
19.2
MHz
A.024
1. 1 MHz clock is used in standby mode for low quiescent requirements; 16 MHz clock is used in active mode.
2.4.3
Power-on Reset (VSREG)
All outputs open; TJ = -40 °C to 150 °C, unless otherwise specified.
Table 9. Power-on Reset
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Item
VPOR_R
VPOR threshold rising
VSREG rising
3.45
4.5
V
A.025
VPOR_F
VPOR threshold falling
VSREG falling(1)
2.3
3.55
V
A.026
1. This threshold is valid if VSREG has already reached VPOR_R(max) previously.
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 13/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com