Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 25Page - STMicroelectronics L99DZ320 Datasheet HTML 26Page - STMicroelectronics L99DZ320 Datasheet HTML 27Page - STMicroelectronics L99DZ320 Datasheet HTML 28Page - STMicroelectronics L99DZ320 Datasheet HTML 29Page - STMicroelectronics L99DZ320 Datasheet HTML 30Page - STMicroelectronics L99DZ320 Datasheet HTML 31Page - STMicroelectronics L99DZ320 Datasheet HTML 32Page - STMicroelectronics L99DZ320 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 146 page
background image
2.4.15
Drain-source monitoring external H-bridge
The voltages are referred to power ground and currents are assumed positive, when the current flows into the pin.
6 V < VS < 28 V, 6 V < VSREG < 28 V, TJ = -40 to 150°C, unless otherwise specified.
Table 21. Drain-source monitoring external H-bridge
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Item
Vscd1_HS Drain-source threshold voltage on HS
0.4
0.55
0.7
V
A.110
Vscd1_LS Drain-source threshold voltage on LS
0.3
0.45
0.6
V
A.196
Vscd2_HS Drain-source threshold voltage on HS
1.05
1.2
V
A.111
Vscd2_LS Drain-source threshold voltage on LS
0.75
0.95
1.15
V
A.197
Vscd3_HB Drain-source threshold voltage
1.27
1.5
1.73
V
A.112
Vscd4_HB Drain-source threshold voltage
1.7
2
2.3
V
A.113
tSCd_HB
Drain-source monitor filter time
Tested by scan
6
µs
A.117
tscs_HB
Drain-source comparator settling time
VS = 13.5 V, VSH = jump from GND to VS
5
µs
A.118
2.4.16
Open-load monitoring external H-bridge
The voltages are referred to power ground and currents are assumed positive, when the current flows into the pin.
6 V < VS < 28 V, 6 V < VSREG < 28 V, TJ = -40 to 150°C, unless otherwise specified.
Table 22. Open-load monitoring external H-bridge
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit Item
VODSL
Low-side drain-source monitor low threshold
voltage
VSLx = 0 V; VS = 13.5 V
0.05xVS 0.15xVS 0.25xVS
V
A.130
VODSH
Low-side drain-source monitor high off threshold
voltage
VSLx = 0 V; VS = 13.5 V
0.75xVS 0.85xVS 0.95xVS
V
A.131
VOLSHx
Output voltage of selected SHx in open-load test
mode
VSLx = 0 V; VS = 13.5 V
0.4xVS
0.5xVS
0.6xVS
V
A.132
RpdOL
Pulldown resistance of the non selected SHx pin
in open-load mode
VSLx = 0 V; VS = 13.5 V; VSHX = 4.5 V
20
kΩ
A.133
tOL_HB Open-load filter time
Tested by scan
2
ms A.134
2.4.17
External interrupts (EI1, EI2)
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin.
6 V < VSREG < 28 V, TJ =
‑40 to 150°C, unless otherwise specified.
Table 23. External interrupts
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit Item
VWU_THn Wake-up negative edge threshold voltage
0.4 VSREG 0.45 VSREG 0.5 VSREG
V
A.159
VWU_THp Wake-up positive edge threshold voltage
0.5 VSREG 0.55 VSREG 0.65 VSREG
V
A.160
VHYST
Hysteresis
0.05 VSREG 0.1 VSREG 0.15 VSREG
V
A.161
twu_stat Static wake filter time
Tested by scan
64(1)
µs
A.162
Iwu_stdby Input current in standby mode on EIx pins
VWU < 1 V or
VWU > (VS – 1.5 V)
2
30
60
μA
A.163
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 29/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com