Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 21Page - STMicroelectronics L99DZ320 Datasheet HTML 22Page - STMicroelectronics L99DZ320 Datasheet HTML 23Page - STMicroelectronics L99DZ320 Datasheet HTML 24Page - STMicroelectronics L99DZ320 Datasheet HTML 25Page - STMicroelectronics L99DZ320 Datasheet HTML 26Page - STMicroelectronics L99DZ320 Datasheet HTML 27Page - STMicroelectronics L99DZ320 Datasheet HTML 28Page - STMicroelectronics L99DZ320 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 146 page
background image
2.4.13
H-bridge driver
The voltages are referred to power ground and currents are assumed positive, when the current flows into the pin.
6 V < VS < 28 V, 6 V < VSREG < 28 V, TJ = -40 °C to 150 °C, unless otherwise specified.
Table 19. H-bridge driver
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Item
IGHx(Ch) Average charge current (charge stage)
TJ = 25°C
0.1
0.3
0.75
A
A.069
RGHx
On-resistance
(discharge stage)
VSHx = 0 V, IGHx = 50 mA, TJ = 25°C
4
8
12
Ω
A.070
VSHx = 0 V, IGHx = 50 mA, TJ = 125°C
12
18
Ω
A.071
VGHHx Gate on voltage
VS = SH = 6 V; ICP = 15 mA
VSHx + 6
V
A.072
VS = SH = 12 V; ICP = 15 mA
VSHx + 8 VSHx + 10 VSHx + 11.5
V
A.073
RGSHx Passive gate clamp resistance
Measurement of the slope between
VGHx = 6 V and VGHx = 3 V
15
kΩ
A.074
Drivers for external low-side Power MOSFET
IGLx(Ch) Average charge current (charge stage)
TJ = 25°C
0.1
0.3
0.75
A
A.075
RGLx
On-resistance (discharge stage)
VSLx = 0 V, IGLx = 50 mA, TJ = 25°C
4
8
12
Ω
A.076
VSLx = 0 V, IGLx = 50 mA, TJ = 125°C
12
18
Ω
A.077
VGHLx
Gate on voltage
VS = 6 V; ICP = 15 mA
VSLx + 6
V
A.078
VS = 12 V; ICP = 15 mA
VSLx + 8 VSLx + 10 VSLx + 11.5
V
A.079
RGSLx
Passive gate clamp resistance
15
kΩ
A.080
2.4.14
Gate drivers for the external Power MOSFET switching times
The voltages are referred to power ground and currents are assumed positive, when the current flows into the pin.
6 V < VS < 28 V; 6 V < VSREG < 28 V; TJ = -40 °C to 150 °C, unless otherwise specified.
Table 20. Gate drivers for external Power MOSFET switching times
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit Item
TG(HL)xHL
Propagation delay time high to
low (switch mode)(1)
VS = 13.5 V, VSHx = 0,
RG = 0 Ω, CG = 2.7 nF
1.5
µs
A.081
TG(HL)xLH
Propagation delay time low to
high (switch mode)(1)
VS = 13.5 V, VSLx = 0,
RG = 0 Ω, CG = 2.7 nF
1.5
µs
A.082
IGHxrmax
Maximum source current
(current mode)
VS = 13.5 V, VSHx = 0, VGHx = 1 V,
SLEW<4:0> = 1FH
32
mA A.083
IGHxfmax
Maximum sink current (current
mode)
VS = 13.5 V, VSHx = 0, VGHx = 2 V,
SLEW<4:0> = 1FH
32
mA A.084
dIIGHxr
Source current accuracy
VS = 13.5 V, VSHx = 0 V, VGHx = 1 V
See
Figure 7. IGHxr
range (a)
A.085
dIIGHxf
Sink current accuracy
VS = 13.5 V, VSHx = 0 V, VGHx = 2 V
See Figure 8.
IGHxf range (b)
A.086
VDSHxrSW(2)
Switching voltage
(VS-VSH) between current mode
and switch mode (rising)
VS = 13.5 V
0.4
1.5
2.6
V
A.087
VDSHxfSW(2) Switching voltage
VS = 13.5 V
0.4
1.5
2.6
V
A.088
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 25/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com