Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 83 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 79Page - STMicroelectronics L99DZ320 Datasheet HTML 80Page - STMicroelectronics L99DZ320 Datasheet HTML 81Page - STMicroelectronics L99DZ320 Datasheet HTML 82Page - STMicroelectronics L99DZ320 Datasheet HTML 83Page - STMicroelectronics L99DZ320 Datasheet HTML 84Page - STMicroelectronics L99DZ320 Datasheet HTML 85Page - STMicroelectronics L99DZ320 Datasheet HTML 86Page - STMicroelectronics L99DZ320 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 146 page
background image
Table 58. Global status byte
Bit 31
Bit 30
Bit 29
Bit 28
Bit 27
Bit 26
Bit 25
Bit 24
GSBN
RSTB
SPIE
PLE
FE
DE
GW
FS
Global status bit not (GSBN)
The GSBN is a logical NOR combination of Bit 24 to Bit 30. This bit can also be used as a global status flag
without starting a complete communication frame as it is present directly after pulling CSN low.
•
Reset bit (RSTB)
The RSTB indicates a device reset. In case this bit is set, specific internal control registers are set to default and
kept in that state until the bit is cleared.
The RSTB bit is cleared after a read and clear of all the specific bits in the status registers that caused the reset
event.
•
SPI error (SPIE)
The SPIE is a logical OR combination of errors related to a wrong SPI communication.
•
Physical layer error (PLE)
The PLE is a logical OR combination of errors related to the LIN and CAN FD transceivers.
•
Functional error (FE)
The FE is a logical OR combination of errors coming from functional blocks (for example high-side overcurrent).
•
Device error (DE)
The DE is a logical OR combination of errors related to device specific blocks (for example VS overvoltage, over
temperature).
•
Global warning (GW)
The GW is a logical OR combination of warning flags (for example thermal warning).
•
Fail-safe (FS)
The FS bit indicates that the device was forced into a safe state due to mistreatment or fundamental internal
errors (for example watchdog failure, voltage regulator failure).
Data out payload
The payload (data bytes 1 to 3) is the data transferred from the slave device with every SPI communication to the
master device. The payload always follows the OpCode and the address bits of the actual shifted in data (in frame
response).
4.2.3
Address definition
Table 59. Address definition - device application access
Device application access
Operating code
OC1
OC0
0
0
0
1
1
0
Table 60. Address definition - device information read access
Device information read access
Operating code
OC1
OC0
1
1
L99DZ320
Serial peripheral interface (SPI)
DS14235 - Rev 5
page 83/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com