Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 33Page - STMicroelectronics L99DZ320 Datasheet HTML 34Page - STMicroelectronics L99DZ320 Datasheet HTML 35Page - STMicroelectronics L99DZ320 Datasheet HTML 36Page - STMicroelectronics L99DZ320 Datasheet HTML 37Page - STMicroelectronics L99DZ320 Datasheet HTML 38Page - STMicroelectronics L99DZ320 Datasheet HTML 39Page - STMicroelectronics L99DZ320 Datasheet HTML 40Page - STMicroelectronics L99DZ320 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 146 page
background image
Table 36. LIN receive data output: pin RXD
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Item
VRXDLOW
Output voltage dominant level
Active mode
0.2
0.5
V
E.062
VRXDHIGH
Output voltage recessive level
Active mode
V1-0.5
V1-0.2
V
E.063
Table 37. LIN transmitter and receiver: pin LIN
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit Item
VTHdom
Receiver threshold voltage
recessive to dominant state
0.4*
VSREG
0.45*
VSREG
0.5*
VSREG
V
E.064
VBusdom
Receiver dominant state
0.4*
VSREG
V
E.065
VTHrec
Receiver threshold voltage
dominant to recessive state
0.5*
VSREG
0.55*
VSREG
0.6*
VSREG
V
E.066
VBusrec
Receiver recessive state
0.6*
VSREG
V
E.067
VTHhys
Receiver threshold hysteresis:
VTHrec -VTHdom
0.07*
VSREG
0.1*
VSREG
0.175*
VSREG
V
E.068
VTHcnt
Receiver tolerance center value:
(VTHrec +VTHdom)/2
0.475*
VSREG
0.5*
VSREG
0.525*
VSREG
V
E.069
VTHwkup
Receiver wakeup threshold
activation voltage (rising edge)
0.5*
VSREG
0.55*
VSREG
0.6*
VSREG
V
E.070
VTHwkdwn
Receiver wakeup threshold
activation voltage (falling edge)
0.4*
VSREG
0.45*
VSREG
0.5*
VSREG
V
E.071
tlinbus
LIN bus wake-up dominant filter
time
Sleep mode;
Edge: rec-dom;
Tested by scan
64
μs
E.072
tdom_LIN
LIN bus wake-up dominant filter
time
Sleep mode;
Edge: rec-dom-rec;
Tested by scan
28
μs
E.073
ILINDomSC
Transmitter input current limit in
dominant state
VTXD = VTXDLOW; VLIN = VBAT = 18 V
40
100
180
mA E.074
Ibus_PAS_dom
Input leakage current at the
receiver incl. pull-up resistor
VTXD = VTXDHIGH;
VLIN = 0 V; VBAT = 12 V(1)
-1
mA E.075
Ibus_PAS_rec
Transmitter input current in
recessive state
In standby modes;
VTXD = VTXDHIGH; VLIN > 8 V;
VBAT < 18 V; VLIN ≥ VBAT
20
μA
E.076
Ibus_NO_GND
Input current if loss of GND at
Device
GND = VS; 0 V < VLIN < 18 V; VBAT = 12 V
-1
1
mA E.077
Ibus
Input current if loss of VBAT at
Device
GND = VS; 0 V < VLIN < 18 V
30
μA
E.078
VLINdom
LIN voltage level in dominant
state
Active mode ; VTXD = VTXDLOW;
Rbus = 500 Ω
1.2
V
E.080
VLINrec
LIN voltage level in recessive
state
Active mode; VTXD = VTXDHIGH;
ILIN = 10 μA
0.8*
VSREG
V
E.081
RLINup
LIN output pull-up resistor
VLIN = 0 V
20
40
60
kΩ
E.082
CLIN(2)
LIN input capacitance
30
pF
E.083
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 37/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com