Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 59 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 55Page - STMicroelectronics L99DZ320 Datasheet HTML 56Page - STMicroelectronics L99DZ320 Datasheet HTML 57Page - STMicroelectronics L99DZ320 Datasheet HTML 58Page - STMicroelectronics L99DZ320 Datasheet HTML 59Page - STMicroelectronics L99DZ320 Datasheet HTML 60Page - STMicroelectronics L99DZ320 Datasheet HTML 61Page - STMicroelectronics L99DZ320 Datasheet HTML 62Page - STMicroelectronics L99DZ320 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 146 page
background image
3.10.2
CAN transceiver operating modes
Figure 23. Transceiver state diagram
VBAT Standby
V1 Standby
ACTIVE
TRX
Normal
CANACT = 1
SPI cmd: goVBATstby
SPI cmd: goV1stby
(if CAN_WU_ENA=1)
Wake-up pattern (WUP) or SPI
Flag: WAKE CAN
Interrupt: INT
=> back to original state
RX = OFF
TX = OFF
WUP decod. = ON
RX = OFF
TX = OFF
WUP decod. = ON
RX = ON
TX = ON
WUP decod. = OFF
RX = OFF
TX = OFF
WUP decod.= ON
RX
Receive
only Mode
CAN REC Only = 0
CAN REC Only = 1
RX = ON
TX = OFF
WUP decod.= OFF
CAN TRX
STBY
Bias on
CAN TRX
STBY
Bias off
CAN AUTO_BIAS=0 or
CAN communication timeout
Flag:CANTO
CAN TRX
STBY
Bias on
CAN TRX
STBY
Bias off
CAN AUTO_BIAS=0 or
CAN communication timeout
Flag:CANTO
CAN TRX
STBY
Bias on
CAN TRX
STBY
Bias off
CAN AUTO_BIAS=0 or
CAN communication timeout
Flag:CANTO
WUP decod. = WUP by decoding a dominant-recessive-dominant pattern
CANACT = 0
CAN AUTO_BIAS=1 and
CAN bus activity
CANACT = 0 and
CAN AUTO_BIAS=1
CANACT = 0
and
CAN
AUTO_BIAS=0
(if CAN_WU_ENA=1)
Wake-up pattern (WUP)
Flag: WAKE CAN
NRESET generated
=> back to original state
CAN AUTO_BIAS=1 and
CAN bus activity
CAN AUTO_BIAS=1
and CAN bus activity
TRX normal mode
Full functionality of the CAN transceiver is available (transmitter and receiver) and the automatic voltage biasing is
enabled.
State transitions from TRX normal mode to VBAT_Standby and V1_Standby are possible. No interrupt is
generated in this mode.
CAN TRX STBY mode
The CAN transmitter is disabled in this mode and the RXDC pin is kept at high (recessive) level. CAN receiver is
capable of detecting a wake-up pattern (WUP). In V1_Standby mode and VBAT_Standby mode, a WUP is
indicated to the microcontroller by an interrupt signal.
There is no automatic state transition into TRX normal mode in the case of a detected CAN wake-up signal
(WUP). After serving the interrupt, the microcontroller can initiate a state transition into TRX normal mode by
setting the SPI bit CAN_ACT to '1'. (This can be done 160 μs after enabling the wake-up through
CAN_WU_EN=1).
Moreover, in this mode two further submodes are possible (“Bias ON” or “Bias OFF”), depending on the
CAN_AUTO_BIAS bit in CR1 (compliant with ISO 11898-2:2016) or timeout conditions.
3.10.3
CAN error handling
The devices provide the following four error handling features.
After power on reset (VS > VPOR) the CAN transceiver is disabled. The transceiver is enabled by setting
CAN_ACT = 1.
The CAN transmitter is disabled automatically in case of the following errors:
•
Dominant TXDC time out
•
CAN permanent recessive
•
RXDC permanent recessive
•
TSD1 on cluster 8 (global) if TSD_CLUSTER_EN = 1
•
TSD1 on any clusters if TSD_CLUSTER_EN = 0 (default)
L99DZ320
Functional description
DS14235 - Rev 5
page 59/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com