Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 89 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 85Page - STMicroelectronics L99DZ320 Datasheet HTML 86Page - STMicroelectronics L99DZ320 Datasheet HTML 87Page - STMicroelectronics L99DZ320 Datasheet HTML 88Page - STMicroelectronics L99DZ320 Datasheet HTML 89Page - STMicroelectronics L99DZ320 Datasheet HTML 90Page - STMicroelectronics L99DZ320 Datasheet HTML 91Page - STMicroelectronics L99DZ320 Datasheet HTML 92Page - STMicroelectronics L99DZ320 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 146 page
background image
To verify, that the SCK Phase of the SPI master is set correctly a special device information register is
implemented. By reading this register the data must be 55 H. In case AAH is read the CPHA setting of the SPI
master is wrong and a proper communication cannot be guaranteed.
CSN timeout
By pulling CSN low the SDO is set active and leaves its tristate condition. To ensure communication between
other SPI devices within the same bus even in case of CSN stuck at low a CSN timeout is implemented. By
pulling CSN low an internal timer is started. After timer end is reached the actual communication is rejected and
the SDO is set to tristate condition.
SDI stuck at GND
As a communication with data all -‘0’ and OpCode ‘00’ on address b’000000 cannot be distinguished between a
valid command and a SDI stuck at GND this communication is not allowed. Nevertheless, in case a stuck at GND
is detected the communication is rejected and the SPIE is set with the next communication.
SDI stuck at HIGH
As a communication with data all -‘1’ and OpCode ‘11’ on address b’111111 cannot be distinguished between a
valid command and a SDI stuck at HIGH this communication is not allowed. In case a stuck at HIGH is detected
the communication is rejected and the SPIE is set with the next communication.
SDO stuck at
The SDO stuck at GND and stuck at HIGH has to be detected by the SPI master. As the definition of the GSB
guarantees at least one toggle, a GSB with all -‘0’ or all -‘1’ reports a stuck at error.
L99DZ320
Serial peripheral interface (SPI)
DS14235 - Rev 5
page 89/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com